Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 2Page - NXP Semiconductors 7403 Datasheet HTML 3Page - NXP Semiconductors 7403 Datasheet HTML 4Page - NXP Semiconductors 7403 Datasheet HTML 5Page - NXP Semiconductors 7403 Datasheet HTML 6Page - NXP Semiconductors 7403 Datasheet HTML 7Page - NXP Semiconductors 7403 Datasheet HTML 8Page - NXP Semiconductors 7403 Datasheet HTML 9Page - NXP Semiconductors 7403 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
September 1993
6
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”, except that VOH and VOL are not
valid for driver output.
They are replaced by the values given below.
Output capability: driver 8 mA
ICC category: LSI.
Voltages are referenced to GND (ground = 0 V).
DC CHARACTERISTICS FOR 74HC
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85 −40 to +125
VCC
(V)
VI
OTHER
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
HIGH level
output voltage
all outputs
1.9
4.4
5.9
2.0
4.5
6
−
−
−
1.9
4.4
5.9
−
−
−
1.9
4.4
5.9
−
−
−
V
V
V
2.0
4.5
6.0
VIH
or
VIL
IO = −20 µA
VOH
HIGH level
output voltage
driver outputs
3.98
5.48
4.32
5.81
−
−
3.84
5.34
−
−
3.70
5.20
−
−
V
V
4.5
6.0
VIH
or
VIL
IO = −8 mA
IO = −10 mA
VOL
LOW level
output voltage
all outputs
−
−
−
0
0
0
0.1
0.1
0.1
−
−
−
0.1
0.1
0.1
−
−
−
0.1
0.1
0.1
V
V
V
2.0
4.5
6.0
VIH
or
VIL
IO = 20 µA
VOL
LOW level
output voltage
driver outputs
−
−
0.15
0.15
0.26
0.26
−
−
0.33
0.33
−
−
0.40
0.40
V
V
4.5
6.0
VIH
or
VIL
IO = 8 mA
IO = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com