Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 13Page - NXP Semiconductors 7403 Datasheet HTML 14Page - NXP Semiconductors 7403 Datasheet HTML 15Page - NXP Semiconductors 7403 Datasheet HTML 16Page - NXP Semiconductors 7403 Datasheet HTML 17Page - NXP Semiconductors 7403 Datasheet HTML 18Page - NXP Semiconductors 7403 Datasheet HTML 19Page - NXP Semiconductors 7403 Datasheet HTML 20Page - NXP Semiconductors 7403 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
September 1993
17
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
Shift-in operation; high-speed burst mode
Note to Fig.11
In the high-speed mode, the burst-in rate is determined by the minimum shift-in HIGH and shift-in LOW specifications.
The DIR status flag is a don't care condition, and a shift-in pulse can be applied regardless of the flag. A SI pulse which
would overflow the storage capacity of the FIFO is ignored.
Fig.11 Waveforms showing SI minimum pulse width and maximum pulse frequency, in high-speed shift-in burst
mode.
handbook, full pagewidth
MGA662
VM
(1)
SI INPUT
Dn INPUT
1/f max
tW
DIR OUTPUT
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com