Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 20Page - NXP Semiconductors 7403 Datasheet HTML 21Page - NXP Semiconductors 7403 Datasheet HTML 22Page - NXP Semiconductors 7403 Datasheet HTML 23Page - NXP Semiconductors 7403 Datasheet HTML 24Page - NXP Semiconductors 7403 Datasheet HTML 25Page - NXP Semiconductors 7403 Datasheet HTML 26Page - NXP Semiconductors 7403 Datasheet HTML 27Page - NXP Semiconductors 7403 Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
September 1993
28
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
Sequence 2 (FIFOB runs full)
After the MR pulse, a series of 64 SI pulses are applied. When 64 words are shifted in, DIRB remains LOW due to FIFOB
being full (5). DORA goes LOW due to FIFOA being empty.
Sequence 3 (FIFOA runs full)
When 65 words are shifted in, DORA remains HIGH due to valid data remaining at the output of FIFOA. QnA remains
HIGH, being the polarity of the 65th data word (6). After the 128th SI pulse, DIR remains LOW and both FIFOs are full
(7). Additional pulses have no effect.
Sequence 4 (both FIFOs full, starting SHIFT-OUT process)
SIA is held HIGH and two SOB pulses are applied (8). These pulses shift out two words and thus allow two empty
locations to bubble-up to the input stage of FIFOB, and proceed to FIFOA (9). When the first empty location arrives at the
input of FIFOA, a DIRA pulse is generated (10) and a new word is shifted into FIFOA. SIA is made LOW and now the
second empty location reaches the input stage of FIFOA, after which DIRA remains HIGH (11).
Sequence 5 (FIFOA runs empty)
At the start of sequence 5 FIFOA contains 63 valid words due to two words being shifted out and one word being shifted
in, in sequence 4. An additional series of SOB pulses are applied. After 63 SOB pulses, all words from FIFOA are shifted
into FIFOB. DORA remains LOW (12).
Sequence 6 (FIFOB runs empty)
After the next SOB pulse, DIRB remains HIGH due to the input stage of FIFOB being empty. After another 63 SOB pulses,
DORB remains LOW due to both FIFOs being empty (14). Additional SOB pulses have no effect. The last word remains
available at the output Qn.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com