Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 12Page - NXP Semiconductors 7403 Datasheet HTML 13Page - NXP Semiconductors 7403 Datasheet HTML 14Page - NXP Semiconductors 7403 Datasheet HTML 15Page - NXP Semiconductors 7403 Datasheet HTML 16Page - NXP Semiconductors 7403 Datasheet HTML 17Page - NXP Semiconductors 7403 Datasheet HTML 18Page - NXP Semiconductors 7403 Datasheet HTML 19Page - NXP Semiconductors 7403 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
September 1993
16
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
With FIFO empty; SO is held HIGH in anticipation
Notes to Fig.10
1. FIFO is initially empty, SO is held HIGH
2. SI pulse; loads data into FIFO and initiates ripple through process
3. DOR flag signals the arrival of valid data at the output stage
4. Output transition; data arrives at output stage after the specified propagation delay between the rising edge of the
DOR pulse to the Qn output
5. DOR goes LOW; data shift-out is complete, FIFO is empty again
6. SO set LOW; necessary to complete shift-out process. DOR remains LOW, because FIFO is empty.
Fig.10 Waveforms showing ripple through delay SI input to DOR output, DOR output pulse width and propagation
delay from the DOR pulse to the Qn output.
handbook, full pagewidth
SI INPUT
MGA658
35
Q OUTPUT
n
DOR OUTPUT
VM
(1)
2
ripple through
delay
VM
(1)
6
4
SO INPUT
t PLH
t PLH
t PHL
VM
(1)
1
t W
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com