Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 8Page - NXP Semiconductors 7403 Datasheet HTML 9Page - NXP Semiconductors 7403 Datasheet HTML 10Page - NXP Semiconductors 7403 Datasheet HTML 11Page - NXP Semiconductors 7403 Datasheet HTML 12Page - NXP Semiconductors 7403 Datasheet HTML 13Page - NXP Semiconductors 7403 Datasheet HTML 14Page - NXP Semiconductors 7403 Datasheet HTML 15Page - NXP Semiconductors 7403 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
September 1993
12
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
AC WAVEFORMS
Shifting in sequence FIFO empty to FIFO full
Notes to Fig.6
1. DIR initially HIGH; FIFO is prepared for valid data
2. SI set HIGH; data loaded into input stage
3. DIR goes LOW, input stage “busy”
4. SI set LOW; data from first location “ripple through”
5. DIR goes HIGH, status flag indicates FIFO prepared for additional data
6. Repeat process to load 2nd word through to 64th word into FIFO
DIR remains LOW; with attempt to shift into full FIFO, no data transfer occurs.
Fig.6
Waveforms showing the SI input to DIR output propagation delay, the SI pulse width and SI maximum
pulse frequency.
handbook, full pagewidth
MGA659
VM
(1)
1/f max
W
t
t PHL
t PLH
VM
(1)
1st word
2nd word
64th word
7
3
15
6
4
2
SI INPUT
Dn INPUT
DIR OUTPUT
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com