Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 20Page - NXP Semiconductors 7403 Datasheet HTML 21Page - NXP Semiconductors 7403 Datasheet HTML 22Page - NXP Semiconductors 7403 Datasheet HTML 23Page - NXP Semiconductors 7403 Datasheet HTML 24Page - NXP Semiconductors 7403 Datasheet HTML 25Page - NXP Semiconductors 7403 Datasheet HTML 26Page - NXP Semiconductors 7403 Datasheet HTML 27Page - NXP Semiconductors 7403 Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
September 1993
24
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
Expanded format
Figure 20 shows two cascaded FIFOs
providing a capacity of 128 words x
4 bits. Figure 21 shows the signals on
the nodes of both FIFOs after the
application of a SI pulse, when both
FIFOs are initially empty. After a
ripple through delay, data arrives at
the output of FIFOA. Due to SOA
being HIGH, a DORA pulse is
generated. The requirements of SIB
and DnB are satisfied by the DORA
pulse width and the timing between
the rising edge of DORA and QnA.
After a second ripple through delay,
data arrives at the output of FIFOB.
Figure 22 shows the signals on the
nodes of both FIFOs after the
application of a SOB pulse, when both
FIFOs are initially full. After a
bubble-up delay a DIRB pulse is
generated, which acts as a SOA pulse
for FIFOA. One word is transferred
from the output of FIFOA to the input
of FIFOB. The requirements of the
SOA pulse for FIFOA is satisfied by
the pulse width of DORB. After a
second bubble-up delay an empty
space arrives at DnA, at which time
DIRA goes HIGH. Figure 23 shows
the waveforms at all external nodes of
both FIFOs during a complete shift-in
and shift-out sequence.
Note to Fig.20
The “7403” is easily cascaded to increase word capacity without any external circuitry. In cascaded format, all necessary
communications are handled by the FIFOs. Figures 21 and 22 demonstrate the intercommunication timing between
FIFOA and FIFOB. Figure 23 provides an overview of pulses and timing of two cascaded FIFOs, when shifted full and
shifted empty again.
Fig.20 Cascading for increased word capacity; 128 words x 4 bits.
MGA679
DIR
OE
SI
MR
DnA
4
DIR
SI
DOR
SO
DATA INPUT
A
A
4
SO A
DOR A
QnA
7403
FIFO A
DIR
OE
SI
MR
DnB
B
B
4
SOB
DOR B
Q nB
7403
FIFO B
DATA OUTPUT
OE
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com