Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 16Page - NXP Semiconductors 7403 Datasheet HTML 17Page - NXP Semiconductors 7403 Datasheet HTML 18Page - NXP Semiconductors 7403 Datasheet HTML 19Page - NXP Semiconductors 7403 Datasheet HTML 20Page - NXP Semiconductors 7403 Datasheet HTML 21Page - NXP Semiconductors 7403 Datasheet HTML 22Page - NXP Semiconductors 7403 Datasheet HTML 23Page - NXP Semiconductors 7403 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
September 1993
20
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
Fig.15 Waveform showing the MR input to SI input removal time.
handbook, halfpage
MGA665
t rem
SI INPUT
MR INPUT
VM
(1)
VM
(1)
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.16 Waveforms showing the 3-state enable and disable times for input OE.
handbook, full pagewidth
MGA656
t PLZ
t PZL
VM
(1)
outputs
disabled
outputs
enabled
t PZH
90 %
t PHZ
10 %
90 %
t
f
t r
outputs
enabled
OE INPUT
10 %
VM
(1)
VM
(1)
Q
OUTPUT
LOW - to - OFF
OFF - to - LOW
n
Q
OUTPUT
HIGH - to - OFF
OFF - to - HIGH
n
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com