Electronic Components Datasheet Search
  English  ▼

X  

7403 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 7403
Description  4-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7403 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 7403 Datasheet HTML 10Page - NXP Semiconductors 7403 Datasheet HTML 11Page - NXP Semiconductors 7403 Datasheet HTML 12Page - NXP Semiconductors 7403 Datasheet HTML 13Page - NXP Semiconductors 7403 Datasheet HTML 14Page - NXP Semiconductors 7403 Datasheet HTML 15Page - NXP Semiconductors 7403 Datasheet HTML 16Page - NXP Semiconductors 7403 Datasheet HTML 17Page - NXP Semiconductors 7403 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
September 1993
14
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
Master reset applied with FIFO full
Notes to Fig.8
1. DIR LOW, output ready HIGH; assume FIFO is full
2. MR pulse LOW; clears FIFO
3. DIR goes HIGH; flag indicates input prepared for valid data
4. DOR goes LOW; flag indicates FIFO empty
5. Qn outputs go LOW (only last bit will be reset).
Fig.8 Waveforms showing the MR input to DIR, DOR and Qn output propagation delays and the MR pulse width.
handbook, halfpage
t PHL
VM
(1)
t W
t PLH
DIR OUTPUT
VM
(1)
MR INPUT
VM
(1)
MGA668
Qn OUTPUT
t PHL
4
5
1
3
2
DOR OUTPUT
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com