Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 27Page - Texas Instruments TLVM13610 Datasheet HTML 28Page - Texas Instruments TLVM13610 Datasheet HTML 29Page - Texas Instruments TLVM13610 Datasheet HTML 30Page - Texas Instruments TLVM13610 Datasheet HTML 31Page - Texas Instruments TLVM13610 Datasheet HTML 32Page - Texas Instruments TLVM13610 Datasheet HTML 33Page - Texas Instruments TLVM13610 Datasheet HTML 34Page - Texas Instruments TLVM13610 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
PACKAGE OUTLINE
4226290/A 09/2020
www.ti.com
B3QFN - 4.05 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
RDF0022A
A
0.08 C
7.6
7.4
4.05
3.95
SEATING PLANE
PIN 1 INDEX AREA
C
(0.13) TYP
PIN 1 ID
B
6.6
6.4
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
22X (0.125)
14X 1.1
0.9
2X 6.5
22X (0.15)
20X 0.65
2X 0.75
2X 2.25
4X 1.1
0.9
4X 0.95
0.85
14X 0.3
0.2
4X 3.4
3.2
0.1
C A B
0.05
C
1
9
10
18
19
20
21
22
0.1 C A B
4X 1.3
1.1
0.1
C A B
0.05
C
(0.6)
(0.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com