Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 1 Page - Texas Instruments

  TLVM13610 Datasheet HTML 1Page - Texas Instruments TLVM13610 Datasheet HTML 2Page - Texas Instruments TLVM13610 Datasheet HTML 3Page - Texas Instruments TLVM13610 Datasheet HTML 4Page - Texas Instruments TLVM13610 Datasheet HTML 5Page - Texas Instruments TLVM13610 Datasheet HTML 6Page - Texas Instruments TLVM13610 Datasheet HTML 7Page - Texas Instruments TLVM13610 Datasheet HTML 8Page - Texas Instruments TLVM13610 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak)
Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Versatile 36-VIN, 8-AOUT synchronous buck module
– Integrated MOSFETs, inductor, and controller
– Adjustable output voltage from 1 V to 10 V
– 6.5-mm × 7.5-mm × 4-mm overmolded package
– –40°C to 125°C junction temperature range
– Frequency adjustable from 200 kHz to 2.2 MHz
• Ultra-high efficiency across the full load range
– 95%+ peak efficiency
– External bias option for improved efficiency
– Exposed Pad for low thermal impedance. EVM
θ JA = 18.2 °C/W.
– Shutdown quiescent current of 0.6 µA (typical)
• Ultra-low conducted and radiated EMI signatures
– Low-noise package with dual input paths and
integrated capacitors reduces switch ringing
– Resistor-adjustable switch-node slew rate
– Meets CISPR 11 and 32 Class B emissions
• Inherent protection features for robust design
– Precision enable input and open-drain PGOOD
indicator for sequencing, control, and VIN UVLO
– Overcurrent and thermal shutdown protections
• Create a custom design using the TLVM13610 with
the WEBENCH® Power Designer
2 Applications
• Test and measurement, aerospace and defense
• Factory automation and control
• Buck and inverting buck-boost power supplies
3 Description
The TLVM13610 is a highly integrated 36-V, 8-A
DC/DC solution that combines power MOSFETs, a
shielded inductor, and passives in an Enhanced
HotRod™ QFN package. The module has VIN and
VOUT pins located at the corners of the package
for optimized input and output capacitor placement.
Four larger thermal pads beneath the module enable
a simple layout and easy handling in manufacturing.
With an output voltage from 1 V to 10 V, the
TLVM13610 is designed to quickly and easily
implement a low-EMI design in a small PCB footprint.
The total solution requires as few as four external
components and eliminates the magnetics and
compensation part selection from the design process.
Although designed for small size and simplicity
in space-constrained applications, the TLVM13610
module offers many features for robust performance:
precision enable with hysteresis for adjustable
input-voltage UVLO, resistor-programmable switch
node slew rate for improved EMI. Along with
integrated VCC, bootstrap and input capacitors for
increased reliability and higher density. The module
automatically transitions between constant switching
frequency (FPWM), or variable frequency (PFM)
for higher light load efficiency. Including a PGOOD
indicator for sequencing, fault protection, and output
voltage monitoring.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TLVM13610
RDF (B3QFN, 22) 6.50 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
PG
EN
RT
PGND
AGND
VOUT1
FB
VLDOIN
VIN1
C
OUT
R
FBB
TLVM13610
R
RT
I
OUT = 8 A
V
IN = 3 V...36 V
R
PG
VCC
V
OUT
C
IN
VOUT2
CBOOT
RBOOT
R
FBT
VIN2
Typical Schematic
Output Current (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
VIN = 12 V
VIN = 24 V
VIN = 36 V
Typical Efficiency, VOUT = 5 V, FSW = 1 MHz
TLVM13610
SLVSH63 – FEBRUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLVM13610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVM13620 TI-TLVM13620 Datasheet
2Mb / 40P
TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TLVM13620 TI-TLVM13620 Datasheet
2Mb / 40P
TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TLVM13620 TI2-TLVM13620 Datasheet
3Mb / 43P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
REVISED JANUARY 2022
TLVM13620 TI2-TLVM13620 Datasheet
3Mb / 43P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
REVISED JANUARY 2022
TLVM13620RDHR TI-TLVM13620RDHR Datasheet
2Mb / 40P
TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
More results

Similar Description - TLVM13610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM63606 TI-TPSM63606 Datasheet
2Mb / 38P
TPSM63606 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 6-A Power Module With Enhanced HotRod??QFN Package
OCTOBER 2021
TLVM13630 TI-TLVM13630_V01 Datasheet
3Mb / 44P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
JANUARY 2022
TLVM13640 TI-TLVM13640 Datasheet
2Mb / 40P
TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TLVM13660 TI-TLVM13660 Datasheet
2Mb / 40P
TLVM13660 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 6-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM63602 TI-TPSM63602 Datasheet
3Mb / 44P
TPSM63602 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 2-A Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM63603 TI-TPSM63603_V01 Datasheet
3Mb / 47P
TPSM63603 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
NOVEMBER 2021
TPSM63610 TI-TPSM63610 Datasheet
1Mb / 38P
TPSM63610 High-Density, 3-V to 36-V Input, 1-V to 20-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module With Enhanced HotRod™ QFN Package
NOVEMBER 2022
TPSM33625 TI-TPSM33625 Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
TLVM23625 TI1-TLVM23625 Datasheet
2Mb / 49P
TLVM236x5, 3-V to 36-V Input, 1-V to 6-V Output, 1.5-A, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
FEBRUARY 2023
TPSM33615 TI-TPSM33615 Datasheet
2Mb / 50P
TPSM336x5, 3-V to 36-V Input, 1-V to 15-V Output, 1.5-A, and 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com