Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 13Page - Texas Instruments TLVM13610 Datasheet HTML 14Page - Texas Instruments TLVM13610 Datasheet HTML 15Page - Texas Instruments TLVM13610 Datasheet HTML 16Page - Texas Instruments TLVM13610 Datasheet HTML 17Page - Texas Instruments TLVM13610 Datasheet HTML 18Page - Texas Instruments TLVM13610 Datasheet HTML 19Page - Texas Instruments TLVM13610 Datasheet HTML 20Page - Texas Instruments TLVM13610 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
8.3.9 Bias Supply Regulator (VCC, VLDOIN)
VCC is the output of the internal LDO subregulator used to supply the control circuits of the TLVM13610. The
nominal VCC voltage is 3.3 V. The VLDOIN pin is the input to the internal LDO. Connect this input to VOUT to
provide the lowest possible input supply current. If the VLDOIN voltage is less than 3.1 V, VIN1 and VIN2 directly
power the internal LDO.
To prevent unsafe operation, VCC has UVLO protection that prevents switching if the internal voltage is too low.
See VCC_UVLO and VCC_UVLO_HYS in the Section 7.5.
VCC must not be used to power external circuitry. Do not load VCC or short it to ground. VLDOIN is an optional
input to the internal LDO. Connect an optional high quality 0.1-µF to 1-µF capacitor from VLDOIN to AGND for
improved noise immunity.
The LDO provides the VCC voltage from one of two inputs: VIN or VLDOIN. When VLDOIN is tied to ground
or below 3.1 V, the LDO derives power from VIN. The LDO input becomes VLDOIN when VLDOIN is tied to a
voltage above 3.1 V. The VLDOIN voltage must not exceed both VIN and 12 V.
Equation 7 specifies the LDO power loss reduction as:
PLDO-LOSS = ILDO × (VIN-LDO – VVCC)
(7)
The VLDOIN input provides an option to supply the LDO with a lower voltage than VIN, thus minimizing the LDO
input voltage relative to VCC and reducing power loss. For example, if the LDO current is 10 mA at 1 MHz with
VIN = 24 V and VOUT = 5 V, the LDO power loss with VLDOIN tied to ground is 10 mA × (24 V – 3.3 V) = 207
mW, while the loss with VLDOIN tied to VOUT is equal to 10 mA × (5 V – 3.3 V) = 17 mW – a reduction of 190
mW.
Figure 8-3 and Figure 8-4 show typical efficiency plots with and without VLDOIN connected to VOUT.
Output Current (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
VVLDOIN = VOUT
VVLDOIN = GND
VIN = 24 V
VOUT = 5 V
FSW = 1 MHz
Figure 8-3. Efficiency Increase With External Bias
Output Current (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
VVLDOIN = VOUT
VVLDOIN = GND
VIN = 36 V
VOUT = 5 V
FSW = 1 MHz
Figure 8-4. Efficiency Increase With External Bias
8.3.10 Overcurrent Protection (OCP)
The TLVM13610 is protected from overcurrent conditions using cycle-by-cycle current limiting of the peak
inductor current. The current is compared every switching cycle to the current limit threshold. During an
overcurrent condition, the output voltage decreases.
The TLVM13610 employs hiccup overcurrent protection if there is an extreme overload. In hiccup mode, the
TLVM13610 module is shut down and kept off for 40 ms (typical) before a restart is attempted. If an overcurrent
or short-circuit fault condition still exists, hiccup repeats until the fault condition is removed. Hiccup mode
reduces power dissipation under severe overcurrent conditions, thus preventing overheating and potential
damage to the device. After the fault is removed, the module automatically recovers and returns to normal
operation.
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com