Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 3Page - Texas Instruments TLVM13610 Datasheet HTML 4Page - Texas Instruments TLVM13610 Datasheet HTML 5Page - Texas Instruments TLVM13610 Datasheet HTML 6Page - Texas Instruments TLVM13610 Datasheet HTML 7Page - Texas Instruments TLVM13610 Datasheet HTML 8Page - Texas Instruments TLVM13610 Datasheet HTML 9Page - Texas Instruments TLVM13610 Datasheet HTML 10Page - Texas Instruments TLVM13610 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7.5 Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of -40°C to +125°C, unless otherwise noted.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 12. VIN1 shorted to VIN2 = VIN. VOUT is output set point.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IFB
Input current from FB to AGND
Adjustable versions only, VFB = 1 V
50
nA
CURRENT LIMITS
ISC
Short circuit high-side current Limit
Duty cycle approaches 0%
11.5
13.8
15.7
A
ILS-LIMIT
Low-side current limit
8
9.2
10.5
A
IPEAK-MIN
Minimum Peak Inductor Current
1.9
A
IL-NEG
Negative current limit
–6.4
–5.3
–3.9
A
IL-ZC
Zero-cross current limit. Positive current
direction is out of SW pin.
Auto Mode, static measurement
70
mA
VHICCUP
Hiccup threshold on FB pin
0.36
0.4
0.44
V
POWER GOOD (/RESET PIN)
V RESET-OV
RESET upper threshold - Rising
% of FB voltage
109.5
112
114.5
%
V RESET-UV
RESET lower threshold - Falling
% of FB voltage
93
95
97.5
%
V RESET_GUARD
RESET UV threshold as percentage of
steady state output voltage with output
voltage and UV threshold, falling, read
at the same TJ, and VIN.
Falling
97
%
V RESET-HYS-
FALLING
RESET fallling threshold hysteresis
% of FB voltage
1.3
%
V RESET-HYS-
RISING
RESET rising threshold hysteresis
% of FB voltage
1.3
%
V RESET_VALID
Minimum input voltage for proper
RESET function
Measured when VRESET < 0.4 V with 10
kOhm pullup to external 5 V
1.2
V
VOL
RESET Low-level function output
voltage
46.0 µA pull up to RESET pin, VIN = 1.0
V, VEN = 0 V
0.4
V
1 mA pull up to RESET pin, VIN = 12 V,
VEN = 0 V
0.4
2 mA pull up to RESET pin, VIN = 12 V,
VEN = 3.3 V
0.4
RRESET
RESET ON resistance,
VEN = 5 V, 1mA pull up current
44
125
Ω
RRESET
RESET ON resistance,
VEN = 0 V, 1mA pull up current
18
40
Ω
tRESET_FILTER
RESET edge deglitch delay
10
26
45
µs
tRESET_ACT
RESET active time
Time FB must be valid before RESET is
released.
1.2
2.1
3.75
ms
OSCILLATOR (RT and SYNC PINS)
fOSC
Internal oscillator frequency
RT = GND
1.90
2.2
2.42
MHz
fOSC
Internal oscillator frequency
RT = VCC
320
400
450
kHz
fFIXED_2.2MHz
Oscillator frequency measured using
maximum value of RT resistor to select
2.2 MHz
RT = 6.81 kΩ
1.95
2.2
2.42
MHz
fFIXED_0.4MHz
Oscillator frequency measured using
minimum value of RT resistor to select
0.4 MHz
RT = 40.2 kΩ
352
400
448
kHz
fADJ
Center Trim oscillator frequency
RT = 22.6 kΩ
630
700
770
kHz
HIGH SIDE DRIVE (CBOOT PIN)
VCBOOT_UVLO
Voltage on CBOOT pin compared to
SW which will turnoff high-side switch
1.9
V
MOSFETS
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com