Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 8Page - Texas Instruments TLVM13610 Datasheet HTML 9Page - Texas Instruments TLVM13610 Datasheet HTML 10Page - Texas Instruments TLVM13610 Datasheet HTML 11Page - Texas Instruments TLVM13610 Datasheet HTML 12Page - Texas Instruments TLVM13610 Datasheet HTML 13Page - Texas Instruments TLVM13610 Datasheet HTML 14Page - Texas Instruments TLVM13610 Datasheet HTML 15Page - Texas Instruments TLVM13610 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
8 Detailed Description
8.1 Overview
The TLVM13610 is an easy-to-use, synchronous buck DC/DC power module designed for a wide variety of
applications where reliability, small solution size, and low EMI signature are of paramount importance. With
integrated power MOSFETs, a buck inductor, and PWM controller, the TLVM13610 operates over an input
voltage range of 3 V to 36 V with transients as high as 42 V. The module delivers up to 8-A (10-A peak) DC load
current with high conversion efficiency and ultra-low input quiescent current in a very small solution footprint.
Control loop compensation is not required, reducing design time and external component count.
With a programmable switching frequency from 200 kHz to 2.2 MHz using its RT pin or an external clock signal,
the TLVM13610 incorporates specific features to improve EMI performance in noise-sensitive applications:
• An optimized package and pinout design enables a shielded switch-node layout that mitigates radiated EMI
• Parallel input and output paths with symmetrical capacitor layouts minimize parasitic inductance, switch-
voltage ringing, and radiated field coupling
• Resistor-programmable switch-node slew rate
• Integrated power MOSFETs with enhanced gate drive control enable low-noise PWM switching
Together, these features significantly reduce EMI filtering requirements, while helping to meet CISPR 11 and
CISPR 32 Class B EMI limits for conducted and radiated emissions.
The TLVM13610 module also includes inherent protection features for robust system requirements:
• An open-drain PGOOD indicator for power-rail sequencing and fault reporting
• Precision enable input with hysteresis, providing
– Programmable line undervoltage lockout (UVLO)
– Remote ON and OFF capability
• Internally fixed output-voltage soft start with monotonic start-up into prebiased loads
• Hiccup-mode overcurrent protection with cycle-by-cycle peak and valley current limits
• Thermal shutdown with automatic recovery.
Leveraging a pin arrangement designed for simple layout that requires only a few external components, the
TLVM13610 is specified to maximum junction temperatures of 125°C. See typical performance curves to
estimate suitability in a given ambient environment.
8.2 Functional Block Diagram
COUT
CIN
PG
CBOOT
PGND
VCC
VOUT1, VOUT2
AGND
FB
EN
PGOOD
logic
+
VREF
Comp
Power
stage
and
control
logic
Shutdown
logic
OCP
UVLO
Oscillator
Soft start
LDO bias
subregulator
Enable
logic
2.2 µH
SW
RBOOT
VIN1, VIN2
100
SYNC
detect
RT
VLDOIN
OTP
EN
OTP
OCP
UVLO
VIN = 3 V to 36 V
Optional
external bias
(from VOUT)
VOUT = 1 V to 10 V
PGOOD
indicator
RENT
RENB
Precision
enable for
VIN UVLO
RRT
RFBB
RFBT
To VOUT
sense point
VIN
TLVM13610
SLVSH63 – FEBRUARY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com