Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 5Page - Texas Instruments TLVM13610 Datasheet HTML 6Page - Texas Instruments TLVM13610 Datasheet HTML 7Page - Texas Instruments TLVM13610 Datasheet HTML 8Page - Texas Instruments TLVM13610 Datasheet HTML 9Page - Texas Instruments TLVM13610 Datasheet HTML 10Page - Texas Instruments TLVM13610 Datasheet HTML 11Page - Texas Instruments TLVM13610 Datasheet HTML 12Page - Texas Instruments TLVM13610 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
7.6 System Characteristics
The following specifications apply only to the typical applications circuit, with nominal component values. Specifications in the
typical (TYP) column apply to TJ = 25°C only. These specifications are not ensured by production testing.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IIN
Input supply current when in
regulation
VIN = VEN/SYNC = 24 V, VOUT = VVLDOIN = 3.3 V, VMODE = 0 V, FSW = 1 MHz,
IOUT = 0 A
8
µA
OUTPUT VOLTAGE
ΔVOUT1
Load regulation
VOUT = 3.3 V, VIN = 24 V, IOUT = 0.1 A to 8 A
4
mV
ΔVOUT2
Line regulation
VOUT = 3.3 V, VIN = 4 V to 36 V, IOUT = 8 A
1
mV
ΔVOUT3
Load transient
VOUT = 5 V, VIN = 24 V, IOUT = 0 A to 4 A at 1 A/μs, COUT(derated) = 100 μF
150
mV
EFFICIENCY
η
Efficiency
VIN = 12 V, VOUT = VVLDOIN = 3.3 V, IOUT = 4 A, FSW = 1 MHz
92.1
%
η
Efficiency
VIN = 24 V, VOUT = VVLDOIN = 3.3 V, IOUT = 4 A, FSW = 1 MHz
91
%
η
Efficiency
VIN = 12 V, VOUT = VVLDOIN = 5 V, IOUT = 4 A, FSW = 1 MHz
94.3
%
η
Efficiency
VIN = 24 V, VOUT = VVLDOIN = 5 V, IOUT = 4 A, FSW = 1 MHz
93
%
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com