Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 4Page - Texas Instruments TLVM13610 Datasheet HTML 5Page - Texas Instruments TLVM13610 Datasheet HTML 6Page - Texas Instruments TLVM13610 Datasheet HTML 7Page - Texas Instruments TLVM13610 Datasheet HTML 8Page - Texas Instruments TLVM13610 Datasheet HTML 9Page - Texas Instruments TLVM13610 Datasheet HTML 10Page - Texas Instruments TLVM13610 Datasheet HTML 11Page - Texas Instruments TLVM13610 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
7.5 Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of -40°C to +125°C, unless otherwise noted.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 12. VIN1 shorted to VIN2 = VIN. VOUT is output set point.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS-ON-HS
High-side MOSFET on-resistance
Load = 1 A, CBOOT-SW = 3.2 V
21
39
mΩ
RDS-ON-LS
Low-side MOSFET on-resistance
Load = 1 A, CBOOT-SW = 3.2 V
13
25
mΩ
PWM LIMITS (SW PIN)
tON-MIN
Minimum HS switch on-time
VIN =18 V, IOUT = 2A, RBOOT = 0 Ω
62
81
ns
tOFF-MIN
Minimum HS switch off-time
VIN = 5 V
70
103
ns
tON-MAX
Maximum switch on-time
HS timeout in dropout
6.9
8.9
11
µs
DMAX
Maximum switch duty cycle
While in frequency fold-back
98
%
fsw =1.85 MHz
87
START UP
tEN
Turn-on delay
VIN = 12 V, CVCC = 1 µF, time from EN
high to first SW pulse if output starts at
0 V
0.82
1.2
ms
tSS
Time from first SW pulse to VREF at
90%, of set point.
1.6
2.2
2.7
ms
tW
Short circuit wait time ("hiccup" time)
40
ms
TLVM13610
SLVSH63 – FEBRUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com