Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLVM13610 Datasheet HTML 7Page - Texas Instruments TLVM13610 Datasheet HTML 8Page - Texas Instruments TLVM13610 Datasheet HTML 9Page - Texas Instruments TLVM13610 Datasheet HTML 10Page - Texas Instruments TLVM13610 Datasheet HTML 11Page - Texas Instruments TLVM13610 Datasheet HTML 12Page - Texas Instruments TLVM13610 Datasheet HTML 13Page - Texas Instruments TLVM13610 Datasheet HTML 14Page - Texas Instruments TLVM13610 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
7.7 Typical Characteristics (continued)
VIN = 12 V, unless otherwise specified.
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
80
85
90
95
100
105
110
115
OV Tripping
OV Recovery
UV Recovery
UV Tripping
Figure 7-7. Power-Good (PG) Thresholds
Frequency (kHz)
200 400 600 800 1000 1200 1400 1600 1800 2000 2200
0
10
20
30
40
50
60
70
Figure 7-8. Switching Frequency Set by RT Resistor
Ambient Temperature (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
Airflow
250 LFM
Nat conv
Figure 7-9. EVM Thermal Performance
(VIN = 12 V, VOUT = 5 V, FSW = 1 MHz)
Ambient Temperature (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
Airflow
250 LFM
Nat conv
Figure 7-10. EVM Thermal Performance
(VIN = 24 V, VOUT = 5 V, FSW = 1 MHz)
Ambient Temperature (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
Airflow
250 LFM
Nat conv
Figure 7-11. EVM Thermal Performance
(VIN = 12 V, VOUT = 3.3 V, FSW = 700 kHz)
Ambient Temperature (°C)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
Airflow
250 LFM
Nat conv
Figure 7-12. EVM Thermal Performance
(VIN = 24 V, VOUT = 3.3 V, FSW = 700 kHz)
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com