Electronic Components Datasheet Search
  English  ▼

X  

TLVM13610 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLVM13610
Description  TLVM13610 High-Density, 3-V to 36-V Input, 1-V to 10-V Output, 8-A (10-A Peak) Synchronous Buck DC/DC Power Module with Enhanced HotRod™ QFN Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13610 Datasheet(HTML) 5 Page - Texas Instruments

  TLVM13610 Datasheet HTML 1Page - Texas Instruments TLVM13610 Datasheet HTML 2Page - Texas Instruments TLVM13610 Datasheet HTML 3Page - Texas Instruments TLVM13610 Datasheet HTML 4Page - Texas Instruments TLVM13610 Datasheet HTML 5Page - Texas Instruments TLVM13610 Datasheet HTML 6Page - Texas Instruments TLVM13610 Datasheet HTML 7Page - Texas Instruments TLVM13610 Datasheet HTML 8Page - Texas Instruments TLVM13610 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range(1)
PARAMETER
MIN
MAX
UNIT
Voltages
Transient VIN to AGND, PGND(2)
–0.3
42
V
Voltages
Continuous VIN to AGND, PGND(2)
–0.3
36
V
Voltages
SW to AGND, PGND
–0.3
VIN + 0.3
V
Voltages
RBOOT, CBOOT to SW
–0.3
5.5
V
Voltages
Transient EN to AGND, PGND(2)
–0.3
42
V
Voltages
Continuous EN to AGND, PGND(2)
–0.3
36
V
Voltages
BIAS to AGND, PGND
–0.3
16
V
Voltages
FB to AGND, PGND: Adjustable Versions
–0.3
5.5
V
Voltages
RESET to AGND, PGND
0
20
V
Current
RESET sink current(4)
0
10
mA
Voltages
RT to AGND, PGND
-0.3
5.5
V
Voltages
VCC to AGND, PGND
–0.3
5.5
V
Voltages
PGND to AGND(3)
–1
2
V
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
A maximum of 42V can be sustained at this pin for duration of ≤100ms at a duty cycle of ≤0.01%. 36 V can be sustained for the life of
this device.
(3)
This specification applies to voltage durations of 100 ns or less. The maximum D.C. voltage should not exceed +/- 0.3V.
(4)
Do not exceed pin 's voltage rating.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/
JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/
JEDEC JS-002(2)
±750
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to 125°C (unless otherwise noted) (1)
MIN
MAX
UNIT
Input voltage
Input Voltage Range(1)
3
36
V
Output voltage Output Adjustment Range for adjustable output versions (2)
1
10
V
Frequency
Frequency adjustment range
200
2200
kHz
Sync
Frequency
Synchronization frequency range
200
2200
kHz
Output current IOUT, TLVM13610
0
8
A
Temperature
Operating junction temperature, TJ
–40
125
°C
(1)
3.7 V is required at VIN for start-up, an extended input voltage range down to 3.0 V is possible after start-up; See Minimum Input
Voltage for start-up conditions.
(2)
Under no conditions should the output voltage be allowed to fall below zero volts.
www.ti.com
TLVM13610
SLVSH63 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLVM13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com