Electronic Components Datasheet Search
  English  ▼

X  

SW52212 Datasheet(PDF) 50 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 50 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 46Page - Silicon Laboratories SW52212 Datasheet HTML 47Page - Silicon Laboratories SW52212 Datasheet HTML 48Page - Silicon Laboratories SW52212 Datasheet HTML 49Page - Silicon Laboratories SW52212 Datasheet HTML 50Page - Silicon Laboratories SW52212 Datasheet HTML 51Page - Silicon Laboratories SW52212 Datasheet HTML 52Page - Silicon Laboratories SW52212 Datasheet HTML 53Page - Silicon Laboratories SW52212 Datasheet HTML 54Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
Pin
Name
Type
Description
13
FS
I
Frequency select pin. 0 = 100 MHz, mid = 200 MHz, 1 = 133 MHz (This
pin has an internal 100 kΩ pull-down.)
14
NC
NC
No connect.
15
DIFF_0
O, DIF
0.7 V, 100 MHz differential clock.
16
DIFF_0b
O, DIF
0.7 V, 100 MHz differential clock.
17
OE_0b
I, PD
Output enable for DIFF_0 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
18
OE_1b
I, PD
Output enable for DIFF_1 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
19
DIFF_1
O, DIF
0.7 V, 100 MHz differential clock.
20
DIFF_1b
O, DIF
0.7 V, 100 MHz differential clock
21
VDD
PWR
Power supply.
22
VDD_IO
PWR
Output power supply.
23
DIFF_2
O, DIF
0.7 V, 100 MHz differential clock.
24
DIFF_2b
O, DIF
0.7 V, 100 MHz differential clock.
25
OE_2b
I, PD
Output enable for DIFF_2 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
26
VDD_IO
PWR
Output power supply.
27
NC
NC
No connect.
28
OE_3b
I, PD
Output enable for DIFF_3 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
29
DIFF_3
O, DIF
0.7 V, 100 MHz differential clock.
30
DIFF_3b
O, DIF
0.7 V, 100 MHz differential clock.
31
VDD
PWR
Power supply.
32
DIFF_4
O, DIF
0.7 V, 100 MHz differential clock.
33
DIFF_4b
O, DIF
0.7 V, 100 MHz differential clock.
34
OE_4b
I, PD
Output enable for DIFF_4 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
35
NC
NC
No connect.
36
VDD_IO
PWR
Output power supply.
37
DIFF_5
O, DIF
0.7 V, 100 MHz differential clock.
38
DIFF_5b
O, DIF
0.7 V, 100 MHz differential clock.
39
OE_5b
I, PD
Output enable for DIFF_5 pair. (This pin has an internal 100 kΩ pull-
down.) 0 = Enable outputs; 1 = Disable outputs.
40
NC
NC
No connect.
41
VDD_IO
PWR
Output power supply.
42
VDD
PWR
Power supply.
43
DIFF_6
O, DIF
0.7 V, 100 MHz differential clock.
44
DIFF_6b
O, DIF
0.7 V, 100 MHz differential clock.
Data Sheet
Pin Descriptions
silabs.com | Building a more connected world.
Rev. 1.0 | 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com