Electronic Components Datasheet Search
  English  ▼

X  

SW52212 Datasheet(PDF) 58 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 58 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 54Page - Silicon Laboratories SW52212 Datasheet HTML 55Page - Silicon Laboratories SW52212 Datasheet HTML 56Page - Silicon Laboratories SW52212 Datasheet HTML 57Page - Silicon Laboratories SW52212 Datasheet HTML 58Page - Silicon Laboratories SW52212 Datasheet HTML 59Page - Silicon Laboratories SW52212 Datasheet HTML 60Page - Silicon Laboratories SW52212 Datasheet HTML 61Page - Silicon Laboratories SW52212 Datasheet HTML 62Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
10.3 Si52208 Package
The figure below illustrates the package details for the Si52208 in a 48-Lead 6 x 6 mm QFN package. The table lists the values for the
dimensions shown in the illustration.
Figure 10.3. 48L 6 x 6 mm QFN Package Diagram
Table 10.3. Package Diagram Dimensions
Dimension
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
b
0.15
0.20
0.25
D
6.00 BSC
D2
3.5
3.6
3.7
e
0.40 BSC
E
6.00 BSC
E2
3.5
3.6
3.7
L
0.30
0.40
0.50
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Note:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to JEDEC Outline MO-220.
4. Recommended card reflow profile is per JEDEC/IPC J-STD-020 specification for Small Body Components.
Data Sheet
Packaging
silabs.com | Building a more connected world.
Rev. 1.0 | 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com