Electronic Components Datasheet Search
  English  ▼

X  

SW52212 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 1 Page - Silicon Laboratories

  SW52212 Datasheet HTML 1Page - Silicon Laboratories SW52212 Datasheet HTML 2Page - Silicon Laboratories SW52212 Datasheet HTML 3Page - Silicon Laboratories SW52212 Datasheet HTML 4Page - Silicon Laboratories SW52212 Datasheet HTML 5Page - Silicon Laboratories SW52212 Datasheet HTML 6Page - Silicon Laboratories SW52212 Datasheet HTML 7Page - Silicon Laboratories SW52212 Datasheet HTML 8Page - Silicon Laboratories SW52212 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Si52212/Si52208/Si52204/Si52202
Data Sheet
12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock
Generator
The Si52212/08/04/02 are the industry's highest performance and lowest power PCI Ex-
press clock generator family for 1.5–1.8 V PCIe Gen 1/2/3/4/5 and SRIS applications.
The Si52212, Si52208, and Si52204 can source twelve, eight, and four 100 MHz PCIe
differential clock outputs, respectively, plus one 25 MHz LVCMOS reference clock out-
put. The Si52202 can source two 100 MHz PCIe clock outputs only. All differential clock
outputs are compliant to PCIe Gen1/2/3/4/5 common clock and separate reference clock
architectures specifications.
The Si52212/08/04/02 feature individual hardware control pins for enabling and disa-
bling each output, spread spectrum enable/disable for EMI reduction, and frequency se-
lect to select 100, 133, or 200 MHz differential output frequencies. These features can
also be controlled via I2C.
The small footprint and low power consumption make this family of PCIe clock genera-
tors ideal for industrial and consumer applications.
For more information about PCI-Express, Silicon Labs' complete PCIe portfolio, applica-
tion notes, and design tools, including the Silicon Labs PCIe Clock Jitter Tool for PCI-
Express compliance, please visit the Silicon Labs PCI Express Learning Center.
Applications
• Servers
• Storage
• Data Centers
• PCIe Add-on Cards
• Network Interface Cards (NIC)
• Graphics Adapter Cards
• Multi-function Printers
• Digital Single-Lens Reflex (DSLR) Cameras
• Digital Still Cameras
• Digital Video Cameras
• Docking Stations
KEY FEATURES
• 12/8/4/2-output low-power, push-pull HCSL
compatible PCI-Express Gen 1, Gen 2,
Gen 3, Gen 4, Gen 5, and SRIS-compliant
outputs
• Low jitter: 0.13 ps rms max, Gen 5
• Individual hardware control pins and I2C
controls for Output Enable, Spread
Spectrum Enable and Frequency Select
• Triangular spread spectrum for EMI
reduction, down spread 0.25% or 0.5%
• Internal 100 Ω or 85 Ω line matching
• Adjustable output slew rate
• Power down (PWRDNb) function supports
Wake-on LAN (except Si52202)
• One non-spread, LVMCOS reference clock
output (except Si52202)
• Frequency Select to select 133 MHz or
200 MHz (except Si52202)
• 25 MHz crystal input or clock input
• I2C support with readback capabilities
• Extended temperature: –40 to 85 °C
• 1.5–1.8 V power supply, with separate
VDD and VDD_IO
• Small QFN packages
• Pb-free, RoHS-6 compliant
silabs.com | Building a more connected world.
Rev. 1.0


Similar Part No. - SW52212

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW52 ALPHAWIRE-SW52 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
NiceRF Wireless Technol...
SW520-ZT100 G-NICE-SW520-ZT100 Datasheet
385Kb / 3P
520MHz Gold-Plated Straight Rod Antenna
2024-2
logo
Connor-Winfield Corpora...
SW5210 CONNOR-WINFIELD-SW5210 Datasheet
54Kb / 1P
14 PIN DIP HIGH SPEED SINEWAVE
SW5210G CONNOR-WINFIELD-SW5210G Datasheet
74Kb / 1P
14 PIN DIP HIGH SPEED SINEWAVE
SW525 CONNOR-WINFIELD-SW525 Datasheet
54Kb / 1P
14 PIN DIP HIGH SPEED SINEWAVE
More results

Similar Description - SW52212

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52212 SILABS-SI52212 Datasheet
1Mb / 71P
12/8/4/2-Output PCI-Express Gen 1/2/3/4 and SRIS Clock Generator
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com