Electronic Components Datasheet Search
  English  ▼

X  

SW52212 Datasheet(PDF) 54 Page - Silicon Laboratories

Part # SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Datasheet(HTML) 54 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 50Page - Silicon Laboratories SW52212 Datasheet HTML 51Page - Silicon Laboratories SW52212 Datasheet HTML 52Page - Silicon Laboratories SW52212 Datasheet HTML 53Page - Silicon Laboratories SW52212 Datasheet HTML 54Page - Silicon Laboratories SW52212 Datasheet HTML 55Page - Silicon Laboratories SW52212 Datasheet HTML 56Page - Silicon Laboratories SW52212 Datasheet HTML 57Page - Silicon Laboratories SW52212 Datasheet HTML 58Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
9.4 Si52202 Pin Descriptions
1
2
3
4
5
XOUT
VDDX
PWRGD/PWRDNb
XIN/CLKIN
15
14
13
12
11
VDD_IO
DIFF_0b
DIFF_0
OE_0b
GND
Si52202
VSSR
Figure 9.4. 20-pin QFN
Table 9.3. Si52202 20-pin QFN Descriptions1
Pin #
Name
Type
Description
1
PWRGD/
PWRDNb
I, PU
Active low input pin asserts power down (PDb) and disables all outputs (This pin
has an internal pull-up).
2
XIN/CLKIN
I
25.00 MHz crystal input or 25 MHz Clock Input.
3
XOUT
O
25.00 MHz crystal output. Float XOUT if using only CLKIN (Clock input).
4
VDDX
PWR
Power supply for crystal
5
VSSR
GND
Ground
6
SDA
I/O
I2C compatible SDATA
7
SCLK
I
I2C compatible SCLOCK
8
SS_EN
I
Spread spectrum enable pin. 0 = –0.25% spread; mid = Off; 1 = –0.5% spread.
(This pin has an internal 100 kΩ pull-up.)
9
GND
GND
Ground
10
VDD
PWR
Power supply
11
GND
GND
Ground
12
DIFF_0
O, DIF
0.7 V, 100 MHz differential clock
13
DIFF_0b
O, DIF
0.7 V, 100 MHz differential clock
14
OE_0b
I, PD
Output enable for DIFF_0 pair. (This pin has an internal 100 kΩ pull-down.) 0 = En-
able outputs; 1 = Disable outputs
15
VDD_IO
PWR
Output power supply
16
OE_1b
I, PD
Output enable for DIFF_1 pair. (This pin has an internal 100 kΩ pull-down.) 0 = En-
able outputs; 1 = Disable outputs
17
DIFF_1
O, DIF
0.7 V, 100 MHz differential clock
18
DIFF_1b
O, DIF
0.7 V, 100 MHz differential clock
19
VDDA
PWR
Analog Power Supply
Data Sheet
Pin Descriptions
silabs.com | Building a more connected world.
Rev. 1.0 | 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com