Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  125296 Datasheet HTML 1Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 2Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 3Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Thermal Extrusions Cut to Length
Aluminum Flatback
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122255
6.961" Wide x 12" Flatback Heatsink
13694 xx6274
6.961
2.79
12
0.8
125643
6.961" Wide x 36" Flatback Heatsink
13694 xx6274
6.961
2.79
36
0.8
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122256
7.00" Wide x 12" Flatback heatsink
15837
7
2.275
12
0.3
125645
7.00" Wide x 36" Flatback heatsink
15837
7
2.275
36
0.3
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125512
7.20" Wide x 36" Flatback heatsink
16316 xx6438-2
7.2
2.41
36
0.9
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125430
7.343" Wide x 12" Flatback Heatsink
13454 xx4771
7.343 1.312
12
1.1
125431
7.343" Wide x 36" Flatback Heatsink
13454 xx4771
7.343 1.312
36
1.1
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125601
7.574" Wide x 12" Flatback Heatsink
21910
7.574
3.15
12
0.65
125602
7.574" Wide x 36" Flatback Heatsink
21910
7.574
3.15
36
0.65
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125436
8.35" Wide x 12" Flatback Heatsink
13668 xx4937
8.35
2
12
0.9
125437
8.35" Wide x 36" Flatback Heatsink
13668 xx4937
8.35
2
36
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com