Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 10Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 11Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Thermal Extrusions Cut to Length
SCR Press Pack Extrusions
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125526
5.00" Wide x 12" Presspack SCR Extrusion
16082 xx3560-2
5
2.25
12
1.4
125527
5.00" Wide x 36" Presspack SCR Extrusion
16082 xx3560-2
5
2.25
36
1.4
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125532
5.00" Wide x 12" Presspack SCR Extrusion
16565 xx5732
5
2.5
12
1.39
125533
5.00" Wide x 12" Presspack SCR Extrusion
16565 xx5732
5
2.5
36
1.39
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125538
7.00" Wide x 12" Presspack SCR Extrusion
16348 xx3559-2
7
3.125
12
0.85
125539
7.00" Wide x 36" Presspack SCR Extrusion
16348 xx3559-2
7
3.125
36
0.85
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125544
7.00" Wide x 12" Presspack SCR Extrusion
16235 xx5733
7
3.125
12
0.88
125545
7.00" Wide x 36" Presspack SCR Extrusion
16235 xx5733
7
3.125
36
0.88
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125550
9.80" Wide x 12" Presspack SCR Extrusion
xx5735
9.8
2.85
12
0.71
125551
9.80" Wide x 36" Presspack SCR Extrusion
xx5735
9.8
2.85
36
0.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com