Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 10Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 11Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Thermal Extrusions Cut to Length
H Style/Mounting Shelf Heat Sinks
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125487
4.75" x 12" H Style Heatsink 4530
xx1024
4.75
1.245
12
2
125488
4.75" x 36" H Style Heatsink 4530
XX1024
4.75
1.245
36
2
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125493
4.75" x 12" H Style Heatsink 5410
xx1025
4.75
2.625
12
1.3
125494
4.75" x 36" H Style Heatsink 5410
xx1025
4.75
2.625
36
1.3
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125499
5.00" x 12" H Style Heatsink 6542
xx1245
5
5
12
0.72
125500
5.00" x 36" H Style Heatsink 6542
xx1245
5
5
36
0.72
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125505
6.25" Wide x 12" H Style Heatsink
16971 xx1541
6.25
6.25
12
0.59
125506
6.25" Wide x 36" H Style Heatsink
16971 xx1541
6.25
6.25
36
0.59
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125637
4.702" Wide x 12" Mounting Shelf
Extrusion 14264
4.702
3.312
12
1.8
125638
4.702" Wide x 12" Mounting Shelf
Extrusion 14264
4.702
3.312
36
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com