Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  125296 Datasheet HTML 1Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 2Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 3Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Thermal Extrusions Cut to Length
Aluminum Flatback
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122263
8.40" Wide x 12" Flatback heatsink
16681
8.4
1.4
12
0.65
125657
8.40" Wide x 36" Flatback heatsink
16681
8.4
1.4
36
0.65
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122260
9.24" Wide x 12" Flatback Heatsink
19035
9.24
2.535
12
0.62
125651
9.24" Wide x 36" Flatback Heatsink
19035
9.24
2.535
36
0.62
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125520
9.75" Wide x 12" Flatback heatsink
16473 xx5384
9.75
2.28
12
0.75
125521
9.75" Wide x 36" Flatback heatsink
16473 xx5384
9.75
2.28
36
0.75
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125442
9.875" Wide x 12" Flatback heatsink
16329 xx1703
9.875
1.31
12
0.91
125443
9.875" Wide x 36" Flatback heatsink
16329 xx1703
9.875
1.31
36
0.91
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125592
10" Wide x 12" Flatback heatsink
13953 sf1002
10
2.53
12
0.6
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125448
10.25" Wide x 12" Flatback heatsink
14236 xx5772
10.25
2.5
12
0.71
125449
10.25" Wide x 36" Flatback heatsink
14236 xx5772
10.25
2.5
36
0.71
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125454
10.50" Wide x 12" Flatback Heatsink
16990 xx2904
10.5
1.265
12
1.3
125455
10.50" Wide x 36" Flatback Heatsink
16990 xx2904
10.5
1.265
36
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com