Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  125296 Datasheet HTML 1Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 2Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 3Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Thermal Extrusions Cut to Length
Aluminum Flatback
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125460
10.78" Wide x 12" Flatback Heatsink
xx4559
10.78
3.77
12
0.5
125461
10.78" Wide x 36" Flatback Heatsink
xx4559
10.78
3.77
36
0.5
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125577
10.827" Wide x 12" Flatback Heatsink
19572
10.827 1.221
12
0.83
125578
10.827" Wide x 36" Flatback Heatsink
19572
10.827 1.221
36
0.83
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122261
11.00" Wide x 12" Flatback Heatsink
19584
11
1.375
12
1.43
125653
11.00" Wide x 36" Flatback Heatsink
19584
11
1.375
36
1.43
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125625
11.811" Wide x 12" Flatback Heatsink
19740
11.811 3.287
12
0.46
125626
11.811" Wide x 36" Flatback Heatsink
19740
11.811 3.287
36
0.46
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125619
11.875" Wide x 12" Flatback Heatsink
17099
11.875 2.594
12
0.4
125620
11.875" Wide x 36" Flatback Heatsink
17099
11.875 2.594
36
0.4
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122262
12.25" Wide x 12" Flatback Heatsink
19152 xx4471
12.25
1
12
1.3
125655
12.25" Wide x 36" Flatback Heatsink
19152 xx4471
12.25
1
36
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com