Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 125296 Datasheet HTML 3Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 10Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Thermal Extrusions Cut to Length
High Aspect
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125562
4.429" Wide x 11.81" High Aspect
Heatsink 17080-11.81
4.429 3.276 11.81
0.59
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125565
6.818" Wide x 11.81" High Aspect Heatsink
19333-12
4.429
3.5
12
0.34
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122258
7.375" Wide x 12" High Aspect Extrusion
15817 xx5113
7.375 3.136
12
0.68
125649
7.375" Wide x 36" High Aspect Extrusion
15817 xx5113
7.375 3.136
36
0.68
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
122264
7.55" Wide x 12" High Aspect Extrusion 19832 7.55
2.8
12
0.34
125659
7.55" Wide x 36" High Aspect Extrusion 19832 7.55
2.8
36
0.34
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125571
10.08" Wide x 12" High Aspect Extrusion
21052
10.08 2.905
12
0.51
125572
10.08" Wide x 36" High Aspect Extrusion
21052
10.08 2.905
36
0.51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com