Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 10Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 11Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Thermal Extrusions Cut to Length
DC/DC Heat Sink
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125361
1.45" Wide x 36" DC/DC Heatsink
Extrusion 14363
1.45 0.768
12
4.2
125362
1.45" Wide x 36" DC/DC Heatsink
Extrusion 14363
1.45 0.768
36
4.2
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125343
2.22" Wide x 12" DC/DC Heatsink
Extrusion 14192
2.22
2.53
12
0.6
125344
2.22" Wide x 36" DC/DC Heatsink
Extrusion 14192
2.22
2.53
36
0.6
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125355
2.28" Wide x 12" DC/DC Heatsink
Extrusion 14362
2.28 0.455
12
4
125356
2.28" Wide x 36" DC/DC Heatsink
Extrusion 14362
2.28 0.455
36
4
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125349
2.28" Wide x 12" DC/DC Heatsink
Extrusion 14228
2.28
9.35
12
0.28
125350
2.28" Wide x 36" DC/DC Heatsink
Extrusion 14228
2.28
9.35
36
0.28
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125331
2.40" Wide x 12" DC/DC Heatsink
Extrusion 12613
2.4
0.9
12
4.1
125332
2.40" Wide x 36" DC/DC Heatsink
Extrusion 12613
2.4
0.9
36
4.1
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125337
4.60" Wide x 12" DC/DC Heatsink
Extrusion 12614
4.6
0.9
12
2.1
125338
4.60" Wide x 36" DC/DC Heatsink
Extrusion 12614
4.6
0.9
36
2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com