Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 10Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 11Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Thermal Extrusions Cut to Length
BGA Style Heat Sinks
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width
Height Length
Thermal
Resistance
°C/w/3"
125283
1.10" Wide x 12" BGA Heatsink Extrusion
16240 xx8052-65
1.1
0.65
12
8
125284
1.10" Wide x 36" BGA Heatsink Extrusion
16240 xx8052-65
1.1
0.65
36
8
WKV Part
Number
Description
Width
Height Length
Thermal
Resistance
°C/w/3"
125289
1.75" Wide x 12" BGA Heatsink
Extrusion 16249 XX8260-65
1.75
0.65
12
7.8
125290
1.75" Wide x 36" BGA Heatsink
Extrusion 16249 XX8260-65
1.75
0.65
36
7.8
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125307
2.10" Wide x 12" BGA Heatsink Extrusion
12554 xx8355-100
2.1
1
12
3.8
125308
2.10" Wide x 36" BGA Heatsink Extrusion
12554 xx8355-100
2.1
1
36
3.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com