Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 10Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 11Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Thermal Extrusions Cut to Length
Power Modules
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width
Height Length
Thermal
Resistance
°C/w/3"
125556
4.921" Wide x 12" Power Module
Extrusion 13698 xx5658
4.921
4.528
12
0.8
125557
4.921" Wide x 36" Power Module
Extrusion 13698 xx5658
4.921
4.528
36
0.8
WKV Part
Number
Description
Width
Height Length
Thermal
Resistance
°C/w/3"
125391
5.00" Wide x 12" Power Module
Extrusion 19589 xx7331
5
1.38
12
3
125392
5.00" Wide x 36" Power Module
Extrusion 19589 xx7331
5
1.38
36
3
WKV Part
Number
Description
Width
Height Length
Thermal
Resistance
°C/w/3"
125379
5.00" Wide x 12" Power Module
Extrusion 16414 xx7332
5
1.5
12
2.5
125380
5.00" Wide x 36" Power Module
Extrusion 16414 xx7332
5
1.5
36
2.5
WKV Part
Number
Description
Width
Height Length
Thermal
Resistance
°C/w/3"
125385
5.00" Wide x 12" Power Module
Extrusion 16936 xx7330
5
2.5
12
1.7
125386
5.00" Wide x 36" Power Module
Extrusion 16936 xx7330
5
2.5
36
1.7
WKV Part
Number
Description
Width
Height Length
Thermal
Resistance
°C/w/3"
125613
7.52" Wide x 12" Power Module
Extrusion 17003
7.52
5.3
12
0.65
125614
7.52" Wide x 36" Power Module
Extrusion 17003
7.52
5.3
36
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com