Electronic Components Datasheet Search
  English  ▼

X  

125296 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 125296
Description  Thermal Extrusions Cut to Length
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

125296 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  125296 Datasheet HTML 1Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 2Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 3Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 4Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 5Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 6Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 7Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 8Page - List of Unclassifed Manufacturers 125296 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Thermal Extrusions Cut to Length
Aluminum Flatback
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125295
1.625" Wide x 12" Flatback heatsink
16079 xx2014
1.625 1.312
12
3.2
125296
1.625" Wide x 36" Flatback heatsink
16079 xx2014
1.625 1.312
36
3.2
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125301
2.80" Wide x 12" Flatback Heatsink
11201 XX6998
2.8
1.25
12
2.9
125302
2.80" Wide x 36" Flatback Heatsink
11201 XX6998
2.8
1.25
36
2.9
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125313
2.875" Wide x 12" Flatback heatsink
16078 xx2013
2.875 1.312
12
2.3
125314
2.875" Wide x 36" Flatback heatsink
16078 xx2013
2.875 1.312
36
2.3
• Dimensions: Inches
• Thermal Resistance based on 3 Inch Length in Natural Convection Setting
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125319
3" Wide x 12" Flatback Heatsink 9099
3
2
12
1.5
125320
3" Wide x 36" Flatback Heatsink 9099
3
2
36
1.5
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125325
3.79" Wide x 12" Flatback heatsink
16304 xx5079
3.79
2
12
1.5
125326
3.79" Wide x 36" Flatback heatsink
16304 xx5079
3.79
2
36
1.5
WKV Part
Number
Description
Width Height Length
Thermal
Resistance
°C/w/3"
125367
4.125" x 12" Flatback Heatsink 2656
xx5138
4.125
1.75
12
1.9
125368
4.125" x 36" Flatback Heatsink 2656
xx5138
4.125
1.75
36
1.9


Similar Part No. - 125296

ManufacturerPart #DatasheetDescription
logo
Heyco.
12529 HEYCO-12529 Datasheet
112Kb / 1P
Nylon Tapped Hex Spacers
logo
List of Unclassifed Man...
125293U020AJ1B ETC2-125293U020AJ1B Datasheet
277Kb / 4P
The Pace-Setter for Long Life and High Temperature
logo
Cornell Dubilier Electr...
125293U020AJ1B CDE-125293U020AJ1B Datasheet
277Kb / 4P
Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125293U020AJ1B CDE-125293U020AJ1B Datasheet
805Kb / 5P
The Pace-Setter for Long Life and High Temperature
logo
YEONHO ELECTRONICS
12529HS-18000 YEONHO-12529HS-18000 Datasheet
350Kb / 1P
1.25mm PITCH CONNECTOR
More results

Similar Description - 125296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
logo
Token Electronics Indus...
FRU5MA1RJP TOKEN-FRU5MA1RJP Datasheet
361Kb / 3P
FKU/FRU Thermal Cut-offs Resistors
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
Cement Resistor With Thermal Cut-Off
logo
List of Unclassifed Man...
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
WAGO Kontakttechnik Gmb...
757-061 WAGO-757-061 Datasheet
50Kb / 2P
Marking strips; cut to a defined length; not stretchable; plain; snap-on type
757-041 WAGO-757-041 Datasheet
50Kb / 2P
Marking strips; cut to a defined length; not stretchable; plain; snap-on type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com