Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 16Page - NXP Semiconductors SC33690DS Datasheet HTML 17Page - NXP Semiconductors SC33690DS Datasheet HTML 18Page - NXP Semiconductors SC33690DS Datasheet HTML 19Page - NXP Semiconductors SC33690DS Datasheet HTML 20Page - NXP Semiconductors SC33690DS Datasheet HTML 21Page - NXP Semiconductors SC33690DS Datasheet HTML 22Page - NXP Semiconductors SC33690DS Datasheet HTML 23Page - NXP Semiconductors SC33690DS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Pin Definition and Function
Freescale Semiconductor
20
Figure 16. AGND Internal Circuits
Figure 17. CEXT Internal Circuits
Figure 18. RD Internal Circuits
Figure 19. MODE1, MODE2, and TX Internal Circuits
8
AGND
VSS
500µA
9
CEXT
16V
10V
10V
16V
10
RD
2k
16V
200µA
VDD
TX
idem
12
MODE1
VDD
13
MODE2
16V
11V
20
2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com