Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 17Page - NXP Semiconductors SC33690DS Datasheet HTML 18Page - NXP Semiconductors SC33690DS Datasheet HTML 19Page - NXP Semiconductors SC33690DS Datasheet HTML 20Page - NXP Semiconductors SC33690DS Datasheet HTML 21Page - NXP Semiconductors SC33690DS Datasheet HTML 22Page - NXP Semiconductors SC33690DS Datasheet HTML 23Page - NXP Semiconductors SC33690DS Datasheet HTML 24Page - NXP Semiconductors SC33690DS Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Pin Definition and Function
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
21
Figure 20. LVR Internal Circuits
Figure 21. XTAL2 and XTAL1 Internal Circuits
11V
2k
VDD
16V
200
10µA
VDD
14
LVR
VDD
16
XTAL1
15
XTAL2
11V
16V
2k
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com