Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 3Page - NXP Semiconductors SC33690DS Datasheet HTML 4Page - NXP Semiconductors SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors SC33690DS Datasheet HTML 10Page - NXP Semiconductors SC33690DS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Write Function
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
7
reference is the falling edge of the driving signal TD1, this leads to a sampling time phase ranging from
−78.75° to 90° with
discrete steps of 11.25
°. After reset condition, the sampling time phase is +11.25°.
The antenna phase shift evaluation is only done after each wake-up command or after reset. This is necessary to obtain the best
demodulator performances.
To ensure a fast demodulator settling time after wake-up, reset, or a write sequence, the external capacitor CEXT is preloaded
at its working voltage. This preset occurs 256µs after switching the antenna drivers on and its duration is 128µs. After wake-up
or reset, the preset has the same duration, but begins 518µs after clock settling. After power on reset, VSUP must meet the
minimum specified value, enabling the nominal operation of VDD, before the start of the preset. Otherwise, the preset must be
done through a standby/wake-up sequence.
3
Write Function
Whatever the selected configuration (see Section 6, “Communication Modes Description”), the write function is achieved by
switching on/off the output drivers TD1/2. After the drivers have been set in high impedance, the load current flows alternatively
through the internal diodes to VSS and to VDD (see Figure 3).
Figure 3. Current Flow When Buffers are Switched Off
4
Voltage Regulator
The low dropout voltage regulator provides a regulated 5V supply for the internal circuitry. It can also supply external
peripherals or sensors. The input supply voltage ranges from 5.5V to over 40V.
This voltage regulator uses a series combination of high voltage LDMOS and low voltage PMOS transistors to provide
regulation. An external low ESR capacitor is required for the regulator stability.
The maximum average current is limited by the power dissipation capability of the SO 20 package. This limitation can be
overcome by connecting an external N channel MOS parallel with the internal LDMOS. The threshold voltage of this transistor
must be lower than the one of the internal LDMOS (1.95V typ.) to prevent the current from flowing into the LDMOS. Its
breakdown voltage must be higher than the maximum supply voltage.
A low-voltage reset function monitors the VDD output. An internal 10µA pull-up current source allows, when an external
capacitor is connected between LVR and GND, to generate delays at power up (5ms typ. with CReset=22nF). The LVR pin is
CA
LA
R1
RA
TD1
VDD
TD2
VDD
ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com