Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 4 Page - NXP Semiconductors

  SC33690DS Datasheet HTML 1Page - NXP Semiconductors SC33690DS Datasheet HTML 2Page - NXP Semiconductors SC33690DS Datasheet HTML 3Page - NXP Semiconductors SC33690DS Datasheet HTML 4Page - NXP Semiconductors SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
4
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VSUP
VSS −0.3 to +40
V
Supply voltage without using the voltage regulator
(VSUP =VDD)
VDD
VSS −0.3 to +7V
Voltage on SOURCE
—
VSS −0.3 to +40
V
Current into/from GATE
—
0
mA
Voltage on GATE
—
VSS −0.3
V
Voltage on pins:
MODE1/2, CEXT, DOUT, LVR, XTAL1/2, Rx, Tx
—VSS −0.3 to VDD +0.3
V
Voltage on RD
—
±10
V
Voltage on K and AM
—
VSS −3 to 40
V
Current on TD1 and TD2
(Drivers on and off)
—
±300
mA
Voltage on AGND
—
VSS ±0.3
V
ESD voltage capability1
—
±2000
V
ESD voltage capability1
—
±200
V
Solder heat resistance test (10s)
—
260
°C
Junction temperature
TJ
170
°C
Storage temperature
Ts
−65 to +150
°C
1
Human Body Model, AEC-Q100-002 Rev. C; Machine Model, AEC-Q100-003 Rev. E.
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Junction to ambient thermal resistance (SOIC20)
Rth
80
°C/W
Table 3. Pin Function Descriptions
Pin
Function
Description
1
VSUP
Power supply
2
SOURCE
External N channel transistor source
3
GATE
External N channel transistor gate
4
TD1
Antenna driver 1 output
5
VSS
Power and digital ground
6
VDD
Voltage regulator output
7
TD2
Antenna driver 2 output
8
MODE1
Mode selection input 1
9
MODE2
Mode selection input 2
10
RD
Demodulator input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com