Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 9Page - NXP Semiconductors SC33690DS Datasheet HTML 10Page - NXP Semiconductors SC33690DS Datasheet HTML 11Page - NXP Semiconductors SC33690DS Datasheet HTML 12Page - NXP Semiconductors SC33690DS Datasheet HTML 13Page - NXP Semiconductors SC33690DS Datasheet HTML 14Page - NXP Semiconductors SC33690DS Datasheet HTML 15Page - NXP Semiconductors SC33690DS Datasheet HTML 16Page - NXP Semiconductors SC33690DS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Direct Connection to a Microcontroller Configuration
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
13
9
Direct Connection to a Microcontroller Configuration
When a high level is applied on MODE1, the circuit is in configuration C (see Figure 26). The demodulated data are sent
through DOUT.
The AM pin is set as a VDD referenced input pin receiving the AM command. Forcing high and low levels on AM achieves the
amplitude modulation by switching on/off both antenna drivers. Meanwhile, this amplitude modulation can be monitored on
DOUT. This allows antenna short and open circuit diagnosis.
The circuit can be put into standby mode by applying a low level on the MODE2 pin. In standby mode, the oscillator and most
of the internal biasing currents are switched off. Therefore, the functions (tag reader and ISO 9141 interface) are inactive except
for the voltage regulator. The driver outputs TD1 and TD2 are frozen in their state (high or low level) before entering into
standby mode. DOUT forces a low level.
The ISO 9141 interface K is standalone and can be directly controlled by the input pin Tx and monitored by the output Rx.
Applying a logic high level on Tx switches the output driver K on (dominant zero state when an external pull-up resistor is
connected between K and VBAT). Applying a logic low level turns the driver off (one recessive state).
Rx monitors the voltage at the K pin. When the voltage is below the low threshold voltage, Rx forces a logic low level. When
the voltage is above the high threshold voltage, Rx forces a logic high level.
In standby mode, Tx is disabled and Rx output monitors the voltage at the K pin.
Figure 10. Configuration C State Diagram
10
Electrical Characteristics
Typical values reflect average measurements at VSUP=12V and TJ=25°C.
11
Supply Current
Typical values reflect average measurements at 6V
≤ V
SUP ≤ 16V, VSS = 0V, TJ = –40°C to +125°C, unless otherwise noted.
TD1/2 off
Standby
Wake-up
mode2 low
mode2 high
mode2 low
TD1/2
AM high
AM high
AM low
Reset
AM low
switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com