Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 4Page - NXP Semiconductors SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors SC33690DS Datasheet HTML 10Page - NXP Semiconductors SC33690DS Datasheet HTML 11Page - NXP Semiconductors SC33690DS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
ISO 9141 Physical Interface
Freescale Semiconductor
8
also the input generating the internal reset signal. Applying a logic low level on this pin resets the circuit, all the internal flip
flops are reset, and drivers TD1/2 are switched on.
Figure 4. Voltage Regulator Block Diagram
5
ISO 9141 Physical Interface
This interface module is fully compatible with the ISO 9141 norm describing the diagnosis line. It includes one transmitter
(pin K) and two receivers (pins K and AM).
The input stages consist of high-voltage CMOS triggers. The thresholds are ratiometric to VSUP. A ground referenced current
source (2.5µA typ.) pulls down the input when unconnected.
When a negative voltage is applied on the K or AM lines, the input current is internally limited by a 2kΩ resistor (typ.) in series
with a diode.
A current limitation allows the transmitter to drive any capacitive load and protects against short circuit to the battery voltage.
An overtemperature protection shuts the driver down when the junction temperature exceeds 150°C (typ). After shutdown by
the overtemperature protection, the driver can be switched on again if the junction temperature has decreased below the
threshold and by applying an off/on command, coming from the demodulator in configurations A and B, or directly applied on
the input Tx in configuration C (see Table 4).
The electromagnetic emission is reduced because of the voltage slew rate control (5V/µs typ.).
1 MHz oscillator
Charge pump
Voltage reference
and biasing
generator
+
-
VSUP
GATE
SOURCE
VDD
Comparator
N channel
LDMOS
P channel
MOS
+
-
LVR
VBAT
C1
VDD
10mF 100nF
C3
C2
10mA
VDD
CReset
VDD
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com