Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors SC33690DS Datasheet HTML 10Page - NXP Semiconductors SC33690DS Datasheet HTML 11Page - NXP Semiconductors SC33690DS Datasheet HTML 12Page - NXP Semiconductors SC33690DS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Communication Modes Description
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
9
Figure 5. ISO 9141 Interface
6
Communication Modes Description
The STARC offers three different communication modes. Therefore, it can be used as a standalone circuit connected to an
electronic control unit (ECU) through a bus line or it can be directly connected to a microcontroller in case of a single board
architecture.
Command
Rx
K
Tx
K line
VBAT
2kW
Over temperature
Current limitation
detector
VDD
VDD
Tag reader module output
AM
VSUP
From configuration controller
AM data
From configuration controller
L line
VSUP
VDD
GND
2.5mA
GND
2.5mA
2kW
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com