Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 5 Page - NXP Semiconductors

  SC33690DS Datasheet HTML 1Page - NXP Semiconductors SC33690DS Datasheet HTML 2Page - NXP Semiconductors SC33690DS Datasheet HTML 3Page - NXP Semiconductors SC33690DS Datasheet HTML 4Page - NXP Semiconductors SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Description
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
5
1
Description
1.1
Tag Reader Module
The tag reader module is dedicated for automotive or industrial applications where information has to be transmitted
contactless.The tag reader module is a write/read (challenge/response) controller for applications that a demand high security
level.
The tag reader module is connected to a serial-tuned LC circuit that generates a magnetic field power supplying the tag. The
use of a synchronous sample and hold technique allows communication with all available tags using admittance switching
producing absorption of the RF field.
Load amplitude or phase shift modulation can be detected at high bit rates up to 8 kHz. The typical operational carrier frequency
of the tag reader module with an 8 MHz clock is 125 kHz.
11
AGND
Demodulator ground
12
CEXT
Comparator reference input
13
DOUT
Demodulator output (5V)
14
LVR
Low Voltage Reset input/output
15
XTAL2
Oscillator output
16
XTAL1
Oscillator input
17
AM
Amplitude modulation input
18
K
ISO 9141 transmitter output and receiver input
19
Rx
ISO 9141 receiver monitor output
20
Tx
ISO 9141 transmitter input
Table 3. Pin Function Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com