Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC33690DS Datasheet HTML 10Page - NXP Semiconductors SC33690DS Datasheet HTML 11Page - NXP Semiconductors SC33690DS Datasheet HTML 12Page - NXP Semiconductors SC33690DS Datasheet HTML 13Page - NXP Semiconductors SC33690DS Datasheet HTML 14Page - NXP Semiconductors SC33690DS Datasheet HTML 15Page - NXP Semiconductors SC33690DS Datasheet HTML 16Page - NXP Semiconductors SC33690DS Datasheet HTML 17Page - NXP Semiconductors SC33690DS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Voltage Regulator
Freescale Semiconductor
14
12
Voltage Regulator
Typical values reflect average measurements at 6V
≤ V
SUP ≤ 16V, VSS = 0V, TJ = –40°C to +125°C, unless otherwise noted
13
Low-Voltage Reset
Typical values reflect average measurements at 6V
≤ V
SUP ≤ 16V, VSS = 0V, TJ = –40°C to +125°C, unless otherwise noted
Table 5. Supply Current Specifications
Parameter
Symbol
Test Conditions
and Comments
Min
Typ
Max
Unit
Type
Pin VSUP
9.1
Standby mode current
ISUP1
—
—
300
500
μA—
9.2
Operating mode current
ISUP2
Circuit in configuration C
No current sunk from VDD
Drivers TD1/2 switched off
Tx forced to low
—1.5
2.5
mA
—
Table 6. Voltage Regulator Specifications
Parameter
Symbol
Test Conditions
and Comments
Min
Typ
Max
Unit
Type
Pins VSUP and VDD
1.1 Output Voltage (5.5V
≤ V
SUP ≤ 40V)
VVDD1
Without external MOS
transistor, IOUT ≤ 50mA
4.75
5.0
5.25
V
—
1.3 Total Output Current
IVDD1
——
50
mA
—
1.5 Load Regulation
VLoadReg1
Without external MOS
transistor, 1 to 50mA IOUT
change
—20
60
mV
—
1.9 Output Voltage (5.5V
≤ V
SUP ≤ 40V)
VVDD2
With external MOS transistor,
IOUT ≤ 150mA
The stability is ensured with a
decoupling capacitor between
VDD and VSS: COUT ≥ 10μF
with ESR
≤ 3Ω.
The current capability can be
increased up to 150mA by
using an external N channel
MOS transistor (see Figure 1).
The main characteristics for
choosing this component are
VT < 1.8V and BVDSS > 40V
4.7
5.0
5.3
V
—
1.11 Total Output Current
IVDD2
—
—
150
mA
—
1.6 Load Regulation
VLoadReg2 With external MOS transistor,1
to 150mA IOUT change
—
65
150
mV
—
1.4 Line Regulation (6V
≤ V
SUP ≤ 16V)
VLineReg
IOUT = 1mA
———
mV
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com