Electronic Components Datasheet Search
  English  ▼

X  

SC33690DS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC33690DS
Description  MC33690 Standalone Tag Reader Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC33690DS Datasheet(HTML) 3 Page - NXP Semiconductors

  SC33690DS Datasheet HTML 1Page - NXP Semiconductors SC33690DS Datasheet HTML 2Page - NXP Semiconductors SC33690DS Datasheet HTML 3Page - NXP Semiconductors SC33690DS Datasheet HTML 4Page - NXP Semiconductors SC33690DS Datasheet HTML 5Page - NXP Semiconductors SC33690DS Datasheet HTML 6Page - NXP Semiconductors SC33690DS Datasheet HTML 7Page - NXP Semiconductors SC33690DS Datasheet HTML 8Page - NXP Semiconductors SC33690DS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MC33690 Standalone Tag Reader Circuit, Rev. 5
Freescale Semiconductor
3
Figure 1. Standalone Tag Reader Circuit
VDD
VBAT
VSUP
GATE
SOURCE
VDD
VSS
TD1
TD2
RD
XTAL1
XTAL2
MODE1
MODE2
DOUT
LVR
Voltage Regulator
AM
CEXT
AGND
Tag Reader
Tx
Rx
ISO 9141 Interface
VBAT
RA
CA
LA
R1
R2
CEXT
K
10mF
10nF
8MHz
510W
C1
Optional: External N channel MOS required for sourced current > 50mA.
A recommended reference is MMFT 3055VL from Freescale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com