Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CS82C85 Datasheet HTML 1Page - Renesas Technology Corp CS82C85 Datasheet HTML 2Page - Renesas Technology Corp CS82C85 Datasheet HTML 3Page - Renesas Technology Corp CS82C85 Datasheet HTML 4Page - Renesas Technology Corp CS82C85 Datasheet HTML 5Page - Renesas Technology Corp CS82C85 Datasheet HTML 6Page - Renesas Technology Corp CS82C85 Datasheet HTML 7Page - Renesas Technology Corp CS82C85 Datasheet HTML 8Page - Renesas Technology Corp CS82C85 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 3 of 21
March 1997
Functional Block Diagram
RESET
16
O
RESET: RESET is an active HIGH signal which is used to reset the 80C86 family processors. Its timing
characteristics are determined by RES. RESET is guaranteed to be HIGH for a minimum of 16 CLK puls-
es after the rising edge of RES.
CSYNC
1
I
CLOCK SYNCHRONIZATION: CSYNC is an active HIGH signal which allows multiple 82C85 and
82C84A to be synchronized to provide multiple in-phase clock signals When CSYNC is HIGH, the inter-
nal counters are reset and force CLK, CLK50 and PCLK into a HIGH state. When CSYNC is LOW, the
internal counters are allowed to count and the CLK, CLK50 and PCLK outputs are active. CSYNC must
be externally synchronized to EFI.
AEN1
AEN2
3
7
I
I
ADDRESS ENABLE: AEN is an active LOW signal. AEN serves to qualify its respective Bus Ready Sig-
nal (RDY1 or RDY2). AEN1 validates RDY1 while AEN2 validates RDY2. Two AEN signal inputs are
useful in system configurations which permit the processor to access two Multi-Master System Buses.
RDY1
RDY2
4
6
I
I
BUS READY: (Transfer Complete). RDY is an active HIGH signal which is an indication from a device
located on the system data bus that data has been received, or is available RDY1 is qualified by AEN1
while RDY2 is qualified by AEN2.
ASYNC
21
I
READY SYNCHRONIZATION SELECT: ASYNC is an input which defines the synchronization mode of
the READY logic. When ASYNC is LOW, two stages of READY synchronization are provided. When
ASYNC is left open or HIGH a single stage of READY synchronization is provided.
READY
5
O
READY: READY is an active HIGH signal which is the synchronized RDY signal input.
GND
9
I
Ground
VCC
24
I
VCC: is the +5V power supply pin. A 0.1mF capacitor between VCC and GND is recommended.
Pin Descriptions (Continued)
SYMBOL
DIP PIN
NUMBER
TYPE
DESCRIPTION
STOP LOGIC
SYNC
LOGIC
PERIPHERAL
CLOCK
(DIVIDE BY 6)
READY
SYNC
OSCILLATOR
READY
SELECT
SPEED SELECT
DIV 256 OR DIV 1
RESTART
LOGIC
CLOCK
(DIVIDE
LOGIC
BY 3)
RESET PULSE
CONDITIONING
LOGIC
RESET
CLK
CLK50
PCLK
OSC
READY
(16)
(8)
(10)
(2)
(18)
(5)
(17)
(1)
(12)
(19)
(23)
(21)
(11)
(20)
(22)
(15)
(14)
(13)
(4)
(3)
(7)
(6)
RES
START
CSYNC
SLO/FST
F/C
EFI
X2
X1
S2/STOP
S1
S0
RDY1
AEN1
AEN2
RDY2
ASYNC
RESTART
SYNC
MASTER
SELECTED
OSC
HALT
VCC (24)
GND (9)
OSC
EXTERNAL
FREQ.
SELECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com