Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CS82C85 Datasheet HTML 9Page - Renesas Technology Corp CS82C85 Datasheet HTML 10Page - Renesas Technology Corp CS82C85 Datasheet HTML 11Page - Renesas Technology Corp CS82C85 Datasheet HTML 12Page - Renesas Technology Corp CS82C85 Datasheet HTML 13Page - Renesas Technology Corp CS82C85 Datasheet HTML 14Page - Renesas Technology Corp CS82C85 Datasheet HTML 15Page - Renesas Technology Corp CS82C85 Datasheet HTML 16Page - Renesas Technology Corp CS82C85 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 13 of 21
March 1997
Timing Waveforms
FIGURE 7. WAVEFORMS FOR CLOCKS
NOTE: All Timing Measurements are made at 1.5V, Unless Otherwise Noted.
FIGURE 8. WAVEFORMS FOR READY SIGNALS (FOR ASYNCHRONOUS DEVICES)
CLK AND CLK50
1.0V
3.5V
(30) TCH1CH2
TCL2CL1 (31)
TPLPH
(33)
TPHPL
(32)
(37)
TCLPH
(28)
T5CHCL
TCLPL
(38)
T5CLCH (29)
(26)
TCHCL
TCLCH
(27)
TCLC50L
(43)
TELEH
(2)
(3)
TELEL
(1)
TEHEL
EFI I
OSC 0
CLK 0
CLK50 0
PCLK 0
CSYNC I
(15)
TEHYL
(16)
TYHYL
(14)
TYLEH
TCLCL (25)
CLK
RDY1.2
AEN1.2
ASYNC
READY
(12) TA1VR1V
(7) TRIVCH
(11) TCLAYX
(34) TRYLCL
(13) TCLA1X
(8) TRILCL
(9)
TCLR1X
(35)
TRYHCH
(10)
TAYVCL
(9)
TCLR1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com