Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 4 Page - Renesas Technology Corp

  CS82C85 Datasheet HTML 1Page - Renesas Technology Corp CS82C85 Datasheet HTML 2Page - Renesas Technology Corp CS82C85 Datasheet HTML 3Page - Renesas Technology Corp CS82C85 Datasheet HTML 4Page - Renesas Technology Corp CS82C85 Datasheet HTML 5Page - Renesas Technology Corp CS82C85 Datasheet HTML 6Page - Renesas Technology Corp CS82C85 Datasheet HTML 7Page - Renesas Technology Corp CS82C85 Datasheet HTML 8Page - Renesas Technology Corp CS82C85 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 4 of 21
March 1997
Functional Description
The 82C85 Static Clock Controller/Generator provides simple
and complete control static CMOS system operating modes.
The 82C85 supports full speed, slow, stop-clock and stop-
oscillator operation. While it is directly compatible with the
Intersil 80C86 and 80C88 CMOS 16-bit static microprocessors,
the 82C85 can also be used for general purpose system clock
control.
The 82C85 pinout is a superset of the 82C84A Clock Genera-
tor/Driver. 82C85 pins 1-9, 16-24 are compatible with 82C84A
pins 1-9, 10-18 respectively. An 82C84A can be placed in the
upper 18 pins of an 82C85 socket and it will operate correctly
(without the ability to control the clock and oscillator operation.)
This allows dual design for simple system upgrades. The
82C85 will also emulate an 82C84A when pins 11-15 on the
82C85 are tied to VCC.
For static systems designs, separate signals are provided on
the 82C85 for stop and start control of the crystal oscillator and
clock outputs. A single control line determines 82C85 fast
(crystal/EFI frequency divided by 3) or slow (crystal/EFI fre-
quency divided by 768) mode operation. The 82C85 also con-
tains a crystal controlled oscillator, clock generation logic,
complete “Ready” synchronization and reset logic.
Automatic 80C86/88 software HALT instruction decode logic is
present to ease the design of software-based clock control sys-
tems and provide complete software control of STOP mode
operation. Restart logic insures valid clock start-up and com-
plete synchronization of CLK, CLK50 and PCLK.
Static Operating Modes
In static CMOS system design, there are four basic operating
modes. The 82C85 Static Clock Controller supports each of
them. These modes are: FAST, SLOW, STOP-CLOCK and
STOP-OSCILLATOR. Each has distinct power and perfor-
mance characteristics which can be matched to the needs of a
particular system at a specific time (See Table 1).
Keep in mind that a single system may require all of these oper-
ating modes at one time or another during normal operation. A
design need not be limited to a single operating mode or a spe-
cific combination of modes. The appropriate operating mode can
be matched to the power-performance level needed at a specific
time or in a particular circumstance.
Reset Logic
The 82C85 reset logic provides a Schmitt trigger input (RES)
and a synchronizing flip-flop to generate the reset timing. The
reset signal is synchronized to the falling edge of CLK. A sim-
ple RC network can be used to provide power-on reset by uti-
lizing this function of the 82C85.
When in the crystal oscillator (F/C = LOW) or the EFI (F/C =
HIGH) mode, a LOW state on the RES input will set the
RESET output to the HIGH state. It will also restart the oscilla-
tor circuit if it is in the idle state. The RESET output is guaran-
teed to stay in the HIGH state for a minimum of 16 CLK cycles
after a low-to-high transition of the RES input.
An oscillator restart count sequence will not be disturbed by
RESET if this count is already in progress. After the restart
counter expires, the RESET output will stay HIGH at least for 16
periods of CLK before going LOW. RESET can be kept high
beyond this time by a continuing low input on the RES input.
If F/C is low (crystal oscillator mode), a low state on RES starts
the crystal oscillator circuit. The stopped outputs remain inac-
tive, until the oscillator signal amplitude reaches the X1
Schmitt trigger input threshold voltage and 8192 cycles of the
crystal oscillator output are counted by an internal counter.
After this count is complete, the stopped outputs (CLK, CLK50,
PCLK, and OSC) start cleanly with the proper phase relation-
ships.
This 8192 count requirement insures that the CLK, CLK50 and
PCLK outputs will meet minimum clock requirements and will
not be affected by unstable oscillator characteristics which may
exist during the oscillator start-up sequence. This sequence is
also followed when a START command is issued while the
82C85 oscillator is stopped.
Oscillator/Clock Start Control
Once the oscillator is stopped (or committed to stop) or at power-
on, the restart sequence is initiated by a HIGH state on START or
LOW state on RES. If F/C is HIGH, then restart occurs immediately
after the START or RES input is synchronized internally. This
insures that stopped outputs (CLK, PCLK, OSC and CLK50) start
cleanly with the proper phase relationship.
If F/C is low (crystal oscillator mode), a HIGH state on the
START input or a low state on RES causes the crystal oscilla-
tor to be restarted. The stopped outputs remain stopped,
TABLE 1. STATIC SYSTEM OPERATING MODE CHARACTERISTICS
OPERATING
MODE
DESCRIPTION
POWER LEVEL
PERFORMANCE
Stop-Oscillator
All system clocks and main clock oscillator are stopped
Maximum Savings
Slowest response due to oscillator
restart time
Stop-Clock
System CPU and peripherals clocks stop but main clock
oscillator continues to run at rated frequency
Reduced System
Power
Fast restart-no oscillator restart time
Slow
System CPU clocks are slowed while peripheral clock
and main clock oscillator run at rated frequency
Power Dissipation
Slightly Higher Than
Stop-Clock
Continuous operation at low frequency
Fast
All clocks and oscillators run at rated frequency
Highest Power
Fastest response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com