Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CS82C85 Datasheet HTML 3Page - Renesas Technology Corp CS82C85 Datasheet HTML 4Page - Renesas Technology Corp CS82C85 Datasheet HTML 5Page - Renesas Technology Corp CS82C85 Datasheet HTML 6Page - Renesas Technology Corp CS82C85 Datasheet HTML 7Page - Renesas Technology Corp CS82C85 Datasheet HTML 8Page - Renesas Technology Corp CS82C85 Datasheet HTML 9Page - Renesas Technology Corp CS82C85 Datasheet HTML 10Page - Renesas Technology Corp CS82C85 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 7 of 21
March 1997
The 82C85 S2/STOP, S1 and S0 control lines were designed
to detect a passive 111 state followed by a HALT 011 logic
state before recognizing the HALT instruction and stopping the
system clocks. In the MAXimum mode, the 80C86/88 status
lines go into a passive (no bus cycle) logic 111 state prior to
executing a HALT instruction. The qualification of a passive no
bus cycle logic 111 state insures that random transitions of the
status lines into a logic 011 state will not stop the system clock.
This is necessary since the status lines of the 80C86/88 transi-
tion through an unknown state during T3 of the bus cycle.
Once the HALT instruction is decoded by the 82C85, either the
oscillator is stopped (STOP-OSCILLATOR mode F/C tied low)
or the external frequency source is gated off internally (STOP-
CLOCK mode F/C HIGH). When the HALT instruction is
decoded with F/C low, the CLK and CLK50 will be stopped in a
logic high state after 2 additional cycles of the clock. PCLK
stops in it’s current state (high or low). This is true for both
SLOW and FAST mode operation. The HALT instruction is
detected in the same manner whether the 82C85 is in the
SLOW or FAST mode.
Independent Stop Control for Minimum Mode Operation
When the 80C86 and 80C88 microprocessors are configured
in MINimum Mode (MN/MX pin tied high), their status lines S0,
S1, and S2 assume alternate functions. The logic states and
sequences (passive before a HALT) necessary for automatic
HALT detect in the 82C85 do not occur as in the MAXimum
mode. The 82C85 controller cannot use the microprocessor
status lines to detect a software Halt instruction when operat-
ing in MINimum mode.
However, the negative edge-activated S2/STOP pin provides a
simple means for clock control in MINimum mode 80C86 and
80C88 systems. S2/STOP can be used as an independent
STOP control when S1 and S0 are held in the logical HIGH
state. Keeping the S0 and S1 inputs at a logic 1 level and tran-
sitioning S2/STOP from high to low will meet the passive 111
state prior to a 011 state requirement of the 82C85. This fea-
ture allows 82C85 operation with the 80C86 and 80C88 in the
MINimum mode, provides compatibility with other static CMOS
microprocessors and allows maximum flexibility in a system.
With S2/STOP being used as a stand-alone STOP command
line, system clocks can be controlled via an 82C55A program-
mable peripheral interface or other similar interface circuits.
This is accomplished by driving the S2/STOP input with a
PORT pin on the 82C55A (See Figure 1). The 82C55A port pin
should be configured as an output and must present a logic
HIGH to the S2/STOP input for at least one CLK cycle, fol-
lowed by a LOW state. This will meet the 82C85 status input
requirement of 111 followed by a 011.
When a logic 0 is written to a 82C55A port pin, the S2/ STOP
pin is pulled low, stopping the system clocks (CLK, CLK50,
PCLK). In essence, the 82C85 is software controlled via the
82C55A. As with the SLO/FST interface, PORT C is a logical
choice for this job since the individual bit set and reset com-
mands available for this port make control of the S2/STOP
input simple.
A START command issued to the 82C85 will override a STOP
command and the 82C85 will begin normal operation. The low
state of the negative-edge triggered S2/STOP input will not
prohibit the clocks from restarting. After a START or RES com-
mand, the 82C85 must see a passive (111) state followed by a
HALT (011) state to stop the system clocks. To accomplish this,
the 82C55A port output must be brought high and then
returned low again for the 82C85 to recognize the next STOP
command.
External Decode Adds Halt Control
SS0, IO/M and DT/R can identify a MINimum mode 80C88
HALT execution. During T2 of the system timing (while ALE is
high), SS0, IO/M, and DT/R go into a 111 state when the
80C88 is executing a software HALT. These signals cannot be
tied directly to the S2/STOP, S1 and S0 inputs since they are
not guaranteed to go into a passive state prior to their 111
state. These signals can be decoded during the time ALE is
high to indicate a software HALT execution.
Slow Mode
When continuous operation is critical but power consumption
remains a concern, the 82C85 SLOW mode operation provides
a lower frequency at the CLK and CLK50 outputs (crystal/EFI
frequency divided by 768). The frequency of PCLK is unaf-
fected. The SLOW mode allows the CPU and the system to
operate at a reduced rate which, in turn, reduces system
power.
For example, the operating power for the 80C86 or 80C88
CPU is 10mA/MHz of clock frequency. When the SLOW mode
is used in a typical 5MHz system, CLK and CLK50 run at
approximately 20kHz. At this reduced frequency, the average
operating current of the CPU drops to 200
A. Adding the
80C86/88 500
A standby current brings the total current to
700
A.
While the CPU and peripherals run slower and the 82C85 CLK
and CLK50 outputs switch at a reduced frequency, the main
82C85 oscillator is still running at the maximum frequency
(determined by the crystal or EFI input frequency.) Since
CMOS power is directly related to operating frequency, 82C85
power supply current will typically be reduced by 15-20%.
Clock Slow/Fast Operation
The SLO/FST input determines whether the CLK and CLK50
outputs run at full speed (crystal or EFI frequency divided by 3)
or at slow speed (crystal or EFI frequency divided by 768) (See
Figure 4). When in the SLOW mode, 82C85 stop-clock and
stop-oscillator functions operate in the same manner as in the
FAST mode.
Internal logic requires that the SLO/FST pin be held low for at
least 195 oscillator or EFI clock pulses before the SLOW mode
command
is
recognized.
This
requirement
eliminates
unwanted FAST-to-SLOW mode frequency changes which
could be caused by glitches or noise spikes.
To guarantee FAST mode recognition, the SLO/FST pin must
be held high for at least 6 OSC or EFI pulses. The 82C85 will
begin FAST mode operation on the next PCLK edge after
FAST command recognition. Proper CLK and CLK 50 phase
relationships are maintained and minimum pulse width specifi-
cations are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com