Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button CS82C85 Datasheet HTML 13Page - Renesas Technology Corp CS82C85 Datasheet HTML 14Page - Renesas Technology Corp CS82C85 Datasheet HTML 15Page - Renesas Technology Corp CS82C85 Datasheet HTML 16Page - Renesas Technology Corp CS82C85 Datasheet HTML 17Page - Renesas Technology Corp CS82C85 Datasheet HTML 18Page - Renesas Technology Corp CS82C85 Datasheet HTML 19Page - Renesas Technology Corp CS82C85 Datasheet HTML 20Page - Renesas Technology Corp CS82C85 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 20 of 21
March 1997
Burn-In Circuits
MD82C85 CERDIP
MR82C85 CLCC
BOTTOM VIEW
NOTES:
1. VCC = 5.5V 0.5V, GND = 0V
2. VIH = 4.5V 10%
3. VIL = -0.2 to 0.4V
4. R1 = 100k, 5%
5. R2 = 10k, 5%
6. R3 = 47k, 5%
7. R4 = 470k, 5%
8. C1 = 0.01
F (minimum)
9. F0 = 100kHz
10%
VCC
C1
VCC
VCC
B
NC
NC
VCC
F0
VCC
A
VCC
VCC
GND
VCC
A
GND
A
GND
VCC
NC
VCC
GND
A
VCC
16
17
18
19
20
21
22
23
24
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
VCC
A
VCC
B
R1
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R3
R4
R4
1
F
EACH INPUT
NC - NO CONNECT
EACH
BOARD
R3
C2
VCC
R2
GND
R2
R2 R2
R2
VCC
NC
VCC
F0
VCC
A
B
NC
R2
R2
R2
R2
NC
NC
AGND
R3
R2
11
3
2
4
10
5
6
7
8
9
14
12
13
15
16
17
18
23
24
25
22
21
20
19
1
28
27
26
R2
VCC
ANC
VCC
NC
VCC
GND
A
GND
NC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com