Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CS82C85 Datasheet HTML 1Page - Renesas Technology Corp CS82C85 Datasheet HTML 2Page - Renesas Technology Corp CS82C85 Datasheet HTML 3Page - Renesas Technology Corp CS82C85 Datasheet HTML 4Page - Renesas Technology Corp CS82C85 Datasheet HTML 5Page - Renesas Technology Corp CS82C85 Datasheet HTML 6Page - Renesas Technology Corp CS82C85 Datasheet HTML 7Page - Renesas Technology Corp CS82C85 Datasheet HTML 8Page - Renesas Technology Corp CS82C85 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN2976 Rev.0.00
Page 1 of 21
March 1997
FN2976
Rev.0.00
March 1997
82C85
CMOS Static Clock Controller/Generator
DATASHEET
Features
• Generates the System Clock For CMOS or NMOS
Microprocessors and Peripherals
• Complete Control Over System Operation for Very
Low System Power
- Stop-Oscillator
- Low Frequency
- Stop-Clock
- Full Speed Operation
• DC to 25MHz Operation (DC to 8MHz System Clock)
• Generates 50% and 33% Duty Cycle Clocks
(Synchronized)
• Uses a Parallel Mode Crystal Circuit or External
Frequency Source
• TTL Compatible Inputs/Outputs
• 24 Lead Slimline Dual-In-Line or 28 Pad Square LCC
Package Options
• Single 5V Power Supply
• Operating Temperature Range
- C82C85. . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- I82C85 . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C85 . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Pinouts
24 LEAD CERDIP
TOP VIEW
Description
The Intersil 82C85 Static CMOS Clock Controller/Genera-
tor provides complete control of static CMOS system oper-
ating modes and supports full speed, slow, stop-clock and
stop-oscillator operation. While directly compatible with the
Intersil 80C86 and 80C88 16-bit Static CMOS Microproces-
sor Family, the 82C85 can also be used for general system
clock control.
For static system designs, separate signals are provided on
the 82C85 for stop (S0, S1, S2/STOP) and start (START)
control of the crystal oscillator and system clocks. A single
control line (SLO/FST) determines 82C85 fast (crystal/EFI
frequency divided by 3) or slow (crystal/EFI frequency
divided by 768) mode operation. Automatic maximum
mode 80C86 and 80C88 software HALT instruction decode
logic in the 82C85 enables software-based clock control.
Restart logic insures valid clock start-up and complete syn-
chronization of system clocks.
The 82C85 is manufactured using the Intersil advanced
Scaled SAJI IV CMOS process. In addition to clock control
circuitry, the 82C85 also contains a crystal controlled
oscillator (up to 25MHz), clock generation logic, complete
“Ready” synchronization and reset logic. This permits the
designer to tailor the system power-performance product to
provide optimum performance at low power levels.
28 LEAD PLCC, CLCC
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TEMP. RANGE
PKG. NO.
CS82C85
28 Ld PLCC
0oC to +70oCN28.45
IS82C85
-40oC to +85oCN28.45
CD82C85
24 Ld CERDIP
0oC to +70oC
F24.3
ID82C85
-40oC to +85oC
F24.3
MD82C85/B
-55oC to +125oC F24.3
MR82C85/B
28 Pad CLCC
-55oC to +125oC J28.A
CSYNC
PCLK
AEN1
RDY1
READY
RDY2
AEN2
CLK
GND
CLK50
START
SLO/FST
VCC
X2
ASYNC
EFI
F/C
RES
S2/STOP
S1
S0
X1
OSC
RESET
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
23
24
25
22
21
19
11
3
2 1
4
14 15 16 17 18
12 13
28 27 26
10
5
6
7
8
9
RDY1
READY
RDY2
AEN2
CLK
GND
NC
NC
ASYNC
EFI
F/C
OSC
RES
RESET
20


Similar Part No. - CS82C85

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C85 INTERSIL-CS82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
More results

Similar Description - CS82C85

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
Radiation Hardened CMOS Static Clock Controller/Generator
August 2000
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com