Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button CS82C85 Datasheet HTML 13Page - Renesas Technology Corp CS82C85 Datasheet HTML 14Page - Renesas Technology Corp CS82C85 Datasheet HTML 15Page - Renesas Technology Corp CS82C85 Datasheet HTML 16Page - Renesas Technology Corp CS82C85 Datasheet HTML 17Page - Renesas Technology Corp CS82C85 Datasheet HTML 18Page - Renesas Technology Corp CS82C85 Datasheet HTML 19Page - Renesas Technology Corp CS82C85 Datasheet HTML 20Page - Renesas Technology Corp CS82C85 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
FN2976 Rev.0.00
Page 21 of 21
March 1997
82C85
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1997. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Die Characteristics
DIE DIMENSIONS:
107.9 x 122.0 x 19
 1mil
METALLIZATION:
Type: Si - AL
Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å  1kÅ
WORST CASE CURRENT DENSITY:
2.26x 105 A/cm2
This device meets glassivation integrity test requirements
per MIL-STD-883 Method 2021
Metallization Mask Layout
82C85
AEN1
PCLK
CSYNC
VCC
X1
X2
ASYNC
EFI
F/C
OSC
RES
RESET
S2/STOP
S1
S0
SLO/FST
START
CLK50
GND
CLK
AEN2
RDY2
READY
RDY1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com