Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 5 Page - Renesas Technology Corp

  CS82C85 Datasheet HTML 1Page - Renesas Technology Corp CS82C85 Datasheet HTML 2Page - Renesas Technology Corp CS82C85 Datasheet HTML 3Page - Renesas Technology Corp CS82C85 Datasheet HTML 4Page - Renesas Technology Corp CS82C85 Datasheet HTML 5Page - Renesas Technology Corp CS82C85 Datasheet HTML 6Page - Renesas Technology Corp CS82C85 Datasheet HTML 7Page - Renesas Technology Corp CS82C85 Datasheet HTML 8Page - Renesas Technology Corp CS82C85 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 5 of 21
March 1997
until the oscillator signal amplitude reaches the X1 Schmitt trig-
ger input threshold voltage and 8192 cycles of the crystal oscil-
lator output are counted by an internal counter. After this count
is complete, the stopped outputs (CLK, CLK50, PCLK, and
OSC) start cleanly with the proper phase relationships.
Typically, any input signal which meets the START input timing
requirements can be used to start the 82C85. In many cases,
this would be the INT output from an 82C59A CMOS Priority
Interrupt Controller (See Figure 1). This output, which is active
high, can be connected to both the 82C85 START pin and to
the appropriate interrupt request input on the microprocessor.
When the INT output becomes active, the oscillator/clock cir-
cuit on the 82C85 will restart. Upon completion of the appropri-
ate restart sequence, the CLK signal to the CPU will become
active. The CPU can then respond to the still pending interrupt
request.
If the 82C59A/82C85 restart combination is used in conjunc-
tion with an 82C55A STOP control, the 82C55A must be initial-
ized prior to the 82C59A after reset. The 82C59A interrupt
output is driven high at reset, causing the 82C85 to remain in
the START mode regardless of the state of the S2/STOP input.
This will avoid stopping the 82C85 due to negative transitions
on the S2/STOP input which may occur during a mode change
on the 82C55A or during the operation of any peripheral I/O
device prior to initialization.
Another method of insuring proper operation of the START
function upon reset or system initialization is to bias the
S2/STOP input low with an external pull-down resistor. The
S2/STOP input will remain low until driven high by the 82C55A
port pin or by external logic. This insures that the 82C85 STOP
command (HHH prior to LHH requirement on the status inputs)
will not be satisfied. To minimize power dissipation in this case
(using a pulldown resistor), the S2/STOP input should be nor-
mally LOW and pulsed HIGH to develop the necessary HHH-
to-LHH STOP sequence. In this manner, the output driving the
S2/STOP input will be normally LOW and will not be driving to
the opposite state of the pull-down resistor.
Fast Mode
The most common operating mode for a system is the FAST
mode. In this mode, the 82C85 operates at the maximum fre-
quency determined by the main oscillator or EFI frequency.
82C59A
82C85
START
CLK
S0
S1
S2/STOP
SLO/FST
80C86/88
INTR
CLK
PA0 PA1
82C55A
INT
VCC
FIGURE 1. CMOS PERIPHERAL CONTROL OF 82C85 STOP,
START AND SLOW/FAST OPERATIONS
TABLE 2. TYPICAL SYSTEM POWER SUPPLY CURRENT FOR STATIC CMOS OPERATING MODES
FAST
SLOW
STOP-CLOCK
STOP-OSC
CPU Frequency
5MHz
20 KHz
DC
DC
XTAL Frequency
15MHz
15MHz
15MHz
DC
ICC
82C85
24.7mA
16.9mA
14.1mA
24.4mA
80C88
23.8mA
173.0mA
106.6mA
106.6mA
82C82
1.7mA
6.5mA
1.0mA
1.0mA
82C86
1.4mA
14.0mA
1.0mA
1.0mA
82C88
3.5mA
14.3mA
3.8mA
3.8mA
82C52
151.2mA
72.0mA
1.0mA
1.0mA
82C54
943.0mA
915.0mA
3.5mA
1.0mA
82C55A
3.2mA
1.2mA
1.0mA
1.0mA
82C59A
580.0mA
520.0mA
1.0mA
1.0mA
74HCXX + other
2.9mA
10.0mA
90.0mA
90.0mA
HM-6516
820.0mA
32.0mA
1.9mA
1.9mA
HM-6616
6.3mA
52.5mA
12.0mA
12.0mA
Total
66.8mA
18.9mA
14.3mA
244.7mA
All measurements taken at room temperature, VCC = +5.0V. Power supply current levels will be dependent upon system configuration and fre-
quency of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com