Electronic Components Datasheet Search
  English  ▼

X  

CS82C85 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CS82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C85 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CS82C85 Datasheet HTML 5Page - Renesas Technology Corp CS82C85 Datasheet HTML 6Page - Renesas Technology Corp CS82C85 Datasheet HTML 7Page - Renesas Technology Corp CS82C85 Datasheet HTML 8Page - Renesas Technology Corp CS82C85 Datasheet HTML 9Page - Renesas Technology Corp CS82C85 Datasheet HTML 10Page - Renesas Technology Corp CS82C85 Datasheet HTML 11Page - Renesas Technology Corp CS82C85 Datasheet HTML 12Page - Renesas Technology Corp CS82C85 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
82C85
FN2976 Rev.0.00
Page 9 of 21
March 1997
Clock Generator
The clock generator consists of two synchronous divide-by-
three counters with special clear inputs that inhibit the count-
ing. One counter generates a 33% duty cycle waveform (CLK)
and the other generates a 50% duty cycle waveform (CLK50).
These two counters are negative-edge synchronized, with the
low-going transitions of both waveforms occurring on the same
oscillator transition. The CLK and CLK50 output frequencies
are one-third of the base input frequency when SLO/FST is
high and are equal to the base input frequency divided by 768
when SLO/FST is low.
The CLK output is a 33% duty cycle clock signal designed to
drive the 80C86 and 80C88 microprocessors directly. CLK50
has a 50% duty cycle output synchronous with CLK, designed
to drive co-processors and peripherals requiring a 50% duty
cycle clock. When SLO/FST is high, CLK and CLK50 have out-
put frequencies which are 1/3 that of EFI/ OSC. When
SLO/FST is low, CLK and CLK50 have output frequencies
which are OSC (EFI) divided by 768.
PCLK is a peripheral clock signal with an output frequency
equal to the oscillator or EFI frequency divided by 6. PCLK has
a 50% duty cycle. PCLK is unaffected by SLO/FST. When the
82C85 is placed in the STOP mode, PCLK will remain in it’s
current state (logic high or logic low) until a RESET or START
command restarts the 82C85 clock circuitry. PCLK is negative-
edge synchronized with CLK and CLK50.
Clock Synchronization
The clock synchronization (CSYNC) input allows the output
clocks to be synchronized with an external event (such as
another 82C85 or 82C84A clock signal). CSYNC going active
causes all clocks (CLK, CLK50 and PCLK) to stop in the HIGH
state.
It is necessary to synchronize the CSYNC input to the EFI
clock external to the 82C85. This is accomplished with two flip-
flops when synchronizing two 82C85s and with three flip-flops
when synchronizing an 82C85 to an 82C84A (See Figure 6).
Multiple external flip-flops are necessary to minimize the occur-
rence of metastable (or indeterminate) states.
Ready Synchronization
Two READY inputs (RDY1, RDY2) are provided to accommo-
date two system busses. Each READY input is qualified by
(AEN1 and AEN2, respectively). The AEN signals validate their
respective RDY signals.
Synchronization is required for all asynchronous active-going
edges of either RDY input to guarantee that the RDY set up
and hold times are met. Inactive-going edges of RDY in nor-
mally ready systems do not require synchronization but must
satisfy RDY setup and hold as a matter of proper system
design.
The ASYNC input defines two modes of READY synchroniza-
tion operation. When ASYNC is LOW, two stages of synchroni-
zation are provided for active READY input signals. Positive-
going asynchronous READY inputs will first be synchronized to
flip-flop one at the rising edge of CLK (requiring a setup time
TR1VCH) and then synchronized to flip-flop two at the next fall-
ing edge of CLK, after which time the READY output will go
HIGH.
Negative-going asynchronous READY inputs will be synchro-
nized directly to flip-flop two at the falling edge of CLK, after
which time the READY output will go inactive. This mode of
operation is intended for use by asynchronous (normally not
ready) devices in the system which cannot be guaranteed by
design to meet the required RDY setup timing (TR1VCL) on
each bus cycle.
When ASYNC is high or left open, the first READY flip-flop is
bypassed in the READY synchronization logic. READY inputs
are synchronized by flip-flop two on the falling edge of CLK
before they are presented to the processor. This mode is avail-
able for synchronous devices that can be guaranteed to meet
the required RDY setup time. ASYNC can be changed on
every bus cycle to select the appropriate mode of synchroniza-
tion for each device in the system.
EFI
82C85
CSYNC
CSYNC
82C84A
CSYNC WITH 82C85(s)
CLOCK
SYNC
EFI
DQ
>
>
>
D
Q
Q
D
(TO OTHER
82C85s)
FIGURE 6. 82C85 AND 82C84A CSYNC SYNCHRONIZATION
METHODS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com